Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS951413 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS951413
Description  Programmable System Clock Chip for ATI RS400 P4TM-based Systems
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS951413 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS951413 Datasheet HTML 1Page - Renesas Technology Corp ICS951413 Datasheet HTML 2Page - Renesas Technology Corp ICS951413 Datasheet HTML 3Page - Renesas Technology Corp ICS951413 Datasheet HTML 4Page - Renesas Technology Corp ICS951413 Datasheet HTML 5Page - Renesas Technology Corp ICS951413 Datasheet HTML 6Page - Renesas Technology Corp ICS951413 Datasheet HTML 7Page - Renesas Technology Corp ICS951413 Datasheet HTML 8Page - Renesas Technology Corp ICS951413 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
4
Integrated
Circuit
Systems, Inc.
ICS951413
0929D—10/30/06
ICS951413 provides a single-chip clocking solution for the ATI RS400-based systems using the latest Intel P4 processors.
ICS951413 is driven with a 14.318MHz crystal. It generates CPU outputs up to 400MHz and also provides highly accurate
SRC clocks for PCI-Express support. Two Clock Request pins are provided for Express-Card
TM support. Two of the SRC
outputs (ATIGCLK(1:0)) are frequency programmable.
General Description
Block Diagram
Power Groups
VDD
GND
56
55
Xtal, REF
51
49
PCICLK output
45
44
CPUCLK Outputs
14, 21, 35 15, 20, 26, 36
SRCCLK outputs
32
31
ATIGCLK outputs
39
38
Analog, CPU PLL
3
5
USB_48MHz output
Pin Number
Description
CPU PLL
PCICLK0
CONTROL
LOGIC
XTAL
OSC.
CPUCLK(2:0)
FIXED PLL
USB_48MHz
SRC
DIV2
/8/7/6/5
REF(2:0)
ATIGCLK(1:0)
X1
X2
PCI33
DIV
SRC PLL
CPU
DIV
CLKREQA#
SDATA
SCLK
FS_(C:A)
CLKREQB#
SRC
DIV1
SRCCLK(7:3,0)
CPU_STOP#
VTT_PWRGD#/PD
IREF
CK410#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com