Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS951413 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ICS951413
Description  Programmable System Clock Chip for ATI RS400 P4TM-based Systems
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS951413 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ICS951413 Datasheet HTML 6Page - Renesas Technology Corp ICS951413 Datasheet HTML 7Page - Renesas Technology Corp ICS951413 Datasheet HTML 8Page - Renesas Technology Corp ICS951413 Datasheet HTML 9Page - Renesas Technology Corp ICS951413 Datasheet HTML 10Page - Renesas Technology Corp ICS951413 Datasheet HTML 11Page - Renesas Technology Corp ICS951413 Datasheet HTML 12Page - Renesas Technology Corp ICS951413 Datasheet HTML 13Page - Renesas Technology Corp ICS951413 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
10
Integrated
Circuit
Systems, Inc.
ICS951413
0929D—10/30/06
SMBus Table: SRCCLK(7:3,0), CLKREQA# Output Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
SRCCLK7
RW
Disable
Enable
1
Bit 6
SRCCLK6
RW
Disable
Enable
1
Bit 5
SRCCLK5
RW
Disable
Enable
1
Bit 4
SRCCLK4
RW
Disable
Enable
1
Bit 3
SRCCLK3
RW
Disable
Enable
1
Bit 2
SRCCLK0
RW
Disable
Enable
1
Bit 1
REQASRC3
CLKREQA# Controls
SRC3
RW
Does not
control
Controls
0
Bit 0
REQASRC0
CLKREQA# Controls
SRC0
RW
Does not
control
Controls
0
SMBus Table: SRCCLK(3,0), ATIGCLK Output Control Register
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
REQASRC7
CLKREQA# Controls
SRC7
RW
Does not
control
Controls
0
Bit 6
REQASRC6
CLKREQA# Controls
SRC6
RW
Does not
control
Controls
0
Bit 5
REQASRC5
CLKREQA# Controls
SRC5
RW
Does not
control
Controls
0
Bit 4
REQASRC4
CLKREQA# Controls
SRC4
RW
Does not
control
Controls
0
Bit 3
ATIGCLK1
RW
Disabled
Enabled
1
Bit 2
ATIGCLK0
RW
Disabled
Enabled
1
Bit 1
Differential
Output Disable
Mode
Hi-Z or driven when
disabled
RW
Driven
Hi-Z
0
Bit 0
USB_48Str
48MHz Strength Control
RW
1X
2X
1
NOTE: Do NOT simultaneously select CLKREQA# and CLKREQB# to control an SRC output.
Behavior of the device is undefined under these conditions.
SMBus Table: Output Drive and ATIG Frequency Control Register
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
REF2Str
REF2 Strength Control
RW
1X
2X
1
Bit 6
CPU2_Stop_En
RW
Free-Run
Stoppable
1
Bit 5
CPU1_Stop_En
RW
Free-Run
Stoppable
1
Bit 4
SRCFS4
(SS_EN)
Freq Select Bit 4
(SS_EN)
RW
0
Bit 3
SRCFS3
Freq Select Bit 3
RW
0
Bit 2
SRCFS2
Freq Select Bit 2
RW
0
Bit 1
SRCFS1
Freq Select Bit 1
RW
0
Bit 0
SRCFS0
Freq Select Bit 0
RW
0
NOTE: CPU(1:2)_Stop_En (Byte5, bit 6:5) only exist in devices with REV ID = 2 or higher
Output Enable
These outputs cannot
be controlled by
CLKREQ# pins.
30,29
CPU, SRC,
ATIG
4
16,17
18,19
22,23
27,28
24,25
34,33
Byte 4
12,13
Master Output control.
Enables or disables
output, regardless of
CLKREQ# inputs.
16,17
18,19
22,23
24,25
34,33
Byte 3
12,13
Byte 5
52
41,40
43,42
-
See Table 2 SRC
Frequency Selection
-
-
-
-
0 = CPU is free-run
1 = CPU is stopped by
CPU_STOP#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com