Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS951413 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ICS951413
Description  Programmable System Clock Chip for ATI RS400 P4TM-based Systems
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS951413 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ICS951413 Datasheet HTML 2Page - Renesas Technology Corp ICS951413 Datasheet HTML 3Page - Renesas Technology Corp ICS951413 Datasheet HTML 4Page - Renesas Technology Corp ICS951413 Datasheet HTML 5Page - Renesas Technology Corp ICS951413 Datasheet HTML 6Page - Renesas Technology Corp ICS951413 Datasheet HTML 7Page - Renesas Technology Corp ICS951413 Datasheet HTML 8Page - Renesas Technology Corp ICS951413 Datasheet HTML 9Page - Renesas Technology Corp ICS951413 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6
Integrated
Circuit
Systems, Inc.
ICS951413
0929D—10/30/06
Table1: CPU Frequency Selection Table
Bit 4
CPU FS4
(CK410#)
Bit 3
Byte0,bit6
(SS_EN)
Bit2
FSC
Bit1
FSB
Bit0
FSA
CPU
(MHz)
PCI33
(MHz)
Spread
%
0
0
0
0
0
266.6667 33.3333
0
0
0
0
1
133.3333 33.3333
0
0
0
1
0
200.0000 33.3333
0
0
0
1
1
166.6668 33.3334
0
0
1
0
0
333.3335 33.3334
0
0
1
0
1
100.0000 33.3333
0
0
1
1
0
400.0000 33.3333
00
1
1
1
0
1
0
0
0
266.6667 33.3333
0
1
0
0
1
133.3333 33.3333
0
1
0
1
0
200.0000 33.3333
0
1
0
1
1
166.6668 33.3334
0
1
1
0
0
333.3335 33.3334
0
1
1
0
1
100.0000 33.3333
0
1
1
1
0
400.0000 33.3333
01
1
1
1
1
0
0
0
0
100.0000 33.3333
1
0
0
0
1
133.3333 33.3333
1
0
0
1
0
200.0000 33.3333
1
0
0
1
1
166.6668 33.3334
1
0
1
0
0
200.0000 33.3333
1
0
1
0
1
266.6667 33.3333
1
0
1
1
0
400.0000 33.3333
1
0
1
1
1
333.3335 33.3334
1
1
0
0
0
100.0000 33.3333
1
1
0
0
1
133.3333 33.3333
1
1
0
1
0
200.0000 33.3333
1
1
0
1
1
166.6668 33.3334
1
1
1
0
0
200.0000 33.3333
1
1
1
0
1
266.6667 33.3333
1
1
1
1
0
400.0000 33.3333
1
1
1
1
1
333.3335 33.3334
C
K
4
1
0
-0.5%
No Spread
-0.5%
C
K
4
0
9
No Spread
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com