Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS951413 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS951413
Description  Programmable System Clock Chip for ATI RS400 P4TM-based Systems
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS951413 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS951413 Datasheet HTML 1Page - Renesas Technology Corp ICS951413 Datasheet HTML 2Page - Renesas Technology Corp ICS951413 Datasheet HTML 3Page - Renesas Technology Corp ICS951413 Datasheet HTML 4Page - Renesas Technology Corp ICS951413 Datasheet HTML 5Page - Renesas Technology Corp ICS951413 Datasheet HTML 6Page - Renesas Technology Corp ICS951413 Datasheet HTML 7Page - Renesas Technology Corp ICS951413 Datasheet HTML 8Page - Renesas Technology Corp ICS951413 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2
Integrated
Circuit
Systems, Inc.
ICS951413
0929D—10/30/06
Pin Description
PIN #
PIN NAME
PIN
TYPE
DESCRIPTION
1X1
IN
Crystal input, Nominally 14.318MHz.
2X2
OUT Crystal output, Nominally 14.318MHz
3
VDD48
PWR Power pin for the 48MHz output.3.3V
4
USB_48MHz
OUT 48.00MHz USB clock
5
GND
PWR Ground pin.
6
VTT_PWRGD#/PD
IN
Vtt_PwrGd# is an active low input used to determine when latched inputs are
ready to be sampled. PD is an asynchronous active high input pin used to put
the device into a low power state. The internal clocks, PLLs and the crystal
oscillator are stopped.
7
SCLK
IN
Clock pin of SMBus circuitry, 5V tolerant.
8
SDATA
I/O
Data pin for SMBus circuitry, 5V tolerant.
9
**FS_C
IN
Frequency select latch input pin
10
**CLKREQA#
IN
Output enable for PCI Express (SRC) outputs. SMBus selects which outputs
are controlled.
0 = enabled, 1 = tri-stated
11
**CLKREQB#
IN
Output enable for PCI Express (SRC) outputs. SMBus selects which outputs
are controlled.
0 = enabled, 1 = tri-stated
12
SRCCLKT7
OUT True clock of differential SRC clock pair.
13
SRCCLKC7
OUT Complement clock of differential SRC clock pair.
14
VDDSRC
PWR Supply for SRC clocks, 3.3V nominal
15
GNDSRC
PWR Ground pin for the SRC outputs
16
SRCCLKT6
OUT True clock of differential SRC clock pair.
17
SRCCLKC6
OUT Complement clock of differential SRC clock pair.
18
SRCCLKT5
OUT True clock of differential SRC clock pair.
19
SRCCLKC5
OUT Complement clock of differential SRC clock pair.
20
GNDSRC
PWR Ground pin for the SRC outputs
21
VDDSRC
PWR Supply for SRC clocks, 3.3V nominal
22
SRCCLKT4
OUT True clock of differential SRC clock pair.
23
SRCCLKC4
OUT Complement clock of differential SRC clock pair.
24
SRCCLKT3
OUT True clock of differential SRC clock pair.
25
SRCCLKC3
OUT Complement clock of differential SRC clock pair.
26
GNDSRC
PWR Ground pin for the SRC outputs
27
ATIGCLKT1
OUT True clock of differential ATIGCLK clock pair.
28
ATIGCLKC1
OUT Complementary clock of differential ATIGCLK clock pair.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com