Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS951413 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS951413
Description  Programmable System Clock Chip for ATI RS400 P4TM-based Systems
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS951413 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS951413 Datasheet HTML 1Page - Renesas Technology Corp ICS951413 Datasheet HTML 2Page - Renesas Technology Corp ICS951413 Datasheet HTML 3Page - Renesas Technology Corp ICS951413 Datasheet HTML 4Page - Renesas Technology Corp ICS951413 Datasheet HTML 5Page - Renesas Technology Corp ICS951413 Datasheet HTML 6Page - Renesas Technology Corp ICS951413 Datasheet HTML 7Page - Renesas Technology Corp ICS951413 Datasheet HTML 8Page - Renesas Technology Corp ICS951413 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Integrated
Circuit
Systems, Inc.
ICS951413
0929D—10/30/06
Pin Configuration
Recommended Application:
ATI RS400 systems using Intel P4
TM processors
Output Features:
•
6 - Pairs of SRC/PCI Express* clocks
•
2 - Pairs of programmable SRC/PCI Express (ATIG)
clocks
•
3 - Pairs of Intel P4 clocks
•
3 - 14.318 MHz REF clocks
•
1 - 48MHz USB clock
•
1 - 33 MHz PCI clock seed
Key Specifications:
•
CPU outputs cycle-cycle jitter < 85ps
•
SRC output cycle-cycle jitter <125ps
•
PCI outputs cycle-cycle jitter < 250ps
•
+/- 300ppm frequency accuracy on CPU & SRC clocks
Programmable System Clock Chip for ATI RS400 P4TM-based Systems
Features/Benefits:
•
2 - Programmable Clock Request pins for SRC clocks
•
Supports CK410 or CK409 frequency table mapping
•
Spread Spectrum for EMI reduction
•
Outputs may be disabled via SMBus
•
External crystal load capacitors for maximum
frequency accuracy
56-pin SSOP & TSSOP
X1 1
56 VDDREF
X2 2
55 GND
VDD48 3
54 **FS_A/REF0
USB_48MHz 4
53 **FS_B/REF1
GND 5
52 **TEST_SEL/REF2
VTT_PWRGD#/PD 6
51 VDDPCI
SCLK 7
50 **CK410#/PCICLK0
SDATA 8
49 GNDPCI
**FS_C 9
48 *CPU_STOP#
**CLKREQA# 10
47 CPUCLKT0
**CLKREQB# 11
46 CPUCLKC0
SRCCLKT7 12
45 VDDCPU
SRCCLKC7 13
44 GNDCPU
VDDSRC 14
43 CPUCLKT1
GNDSRC 15
42 CPUCLKC1
SRCCLKT6 16
41 CPUCLKT2_ITP
SRCCLKC6 17
40 CPUCLKC2_ITP
SRCCLKT5 18
39 VDDA
SRCCLKC5 19
38 GNDA
GNDSRC 20
37 IREF
VDDSRC 21
36 GNDSRC
SRCCLKT4 22
35 VDDSRC
SRCCLKC4 23
34 SRCCLKT0
SRCCLKT3 24
33 SRCCLKC0
SRCCLKC3 25
32 VDDATI
GNDSRC 26
31 GNDATI
ATIGCLKT1 27
30 ATIGCLKT0
ATIGCLKC1 28
29 ATIGCLKC0
Note: Pins preceeded by '**' have a 120 Kohm Internal Pull Down resistor
Pins preceeded by '*' have a 120 Kohm Internal Pull Up resistor
Functionality - (CK410# = 0)
FS_C
1 FS_B1 FS_A1
CPU
MHz
SRC
MHz
PCI
MHz
REF
MHz
USB
MHz
0
266.66 100.00 33.33 14.318 48.000
1
133.33 100.00 33.33 14.318 48.000
0
200.00 100.00 33.33 14.318 48.000
1
166.66 100.00 33.33 14.318 48.000
0
333.33 100.00 33.33 14.318 48.000
1
100.00 100.00 33.33 14.318 48.000
0
400.00 100.00 33.33 14.318 48.000
1
14.318 48.000
Functionality - (CK410# = 1)
FS_C
1
Byte6
bit5
FS_B
1 FS_A1
CPU
MHz
SRC
MHz
PCI
MHz
REF
MHz
USB
MHz
0
0
100.00 100.00 33.33 14.318 48.000
1
0
200.00 100.00 33.33 14.318 48.000
0
1
133.33 100.00 33.33 14.318 48.000
1
1
166.67 100.00 33.33 14.318 48.000
0
0
200.00 100.00 33.33 14.318 48.000
1
0
400.00 100.00 33.33 14.318 48.000
0
1
266.67 100.00 33.33 14.318 48.000
1
1
333.33 100.00 33.33 14.318 48.000
1. FS_C, FS_B and FS_A are low-threshold inputs. Please see the VIL_FS and VIH_FS
specifications in the Input/Supply/Common Output Parameters Table for correct values.
RESERVED
1
0
0
1
0
0
1
1
*Other names and brands may be claimed as the property of others.


Similar Part No. - ICS951413

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS951413 ICST-ICS951413 Datasheet
306Kb / 23P
Programmable System Clock Chip for ATI RS400 P4-based Systems
ICS951413YGLFT ICST-ICS951413YGLFT Datasheet
306Kb / 23P
Programmable System Clock Chip for ATI RS400 P4-based Systems
More results

Similar Description - ICS951413

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS951411 ICST-ICS951411 Datasheet
197Kb / 19P
System Clock Chip for ATI RS400 P4TM-based Systems
ICS951413 ICST-ICS951413 Datasheet
306Kb / 23P
Programmable System Clock Chip for ATI RS400 P4-based Systems
logo
Integrated Device Techn...
ICS951464 IDT-ICS951464 Datasheet
248Kb / 24P
Programmable System Clock Chip for ATI RS/RD690 K8TM - based Systems
ICS9LPRS480 IDT-ICS9LPRS480 Datasheet
255Kb / 25P
Programmable System Clock Chip for ATI RS780 - K8TM based Systems
ICS951464AGLF IDT-ICS951464AGLF Datasheet
248Kb / 24P
Programmable System Clock Chip for ATI RS/RD690 K8??- based Systems
logo
Renesas Technology Corp
9LPRS471C RENESAS-9LPRS471C Datasheet
423Kb / 23P
Programmable System Clock Chip for ATI RS790 - K8TM based Systems
05/23/12
9LPRS477C RENESAS-9LPRS477C Datasheet
416Kb / 25P
Programmable System Clock Chip for ATI RD790 - K8TM Based Systems
1393 01/28/14
9LPRS477D RENESAS-9LPRS477D Datasheet
548Kb / 27P
PROGRAMMABLE SYSTEM CLOCK CHIP FOR ATI RD790-K8TM BASED SYSTEMS
REV C 010715
ICS951411 RENESAS-ICS951411 Datasheet
386Kb / 20P
System Clock Chip for ATI RS400 P4TM-based Systems
2019
ICS951462 RENESAS-ICS951462 Datasheet
436Kb / 24P
Programmable System Clock Chip for ATI RS/RD690 - K8TM based Systems
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com