Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS951413 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ICS951413
Description  Programmable System Clock Chip for ATI RS400 P4TM-based Systems
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS951413 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ICS951413 Datasheet HTML 10Page - Renesas Technology Corp ICS951413 Datasheet HTML 11Page - Renesas Technology Corp ICS951413 Datasheet HTML 12Page - Renesas Technology Corp ICS951413 Datasheet HTML 13Page - Renesas Technology Corp ICS951413 Datasheet HTML 14Page - Renesas Technology Corp ICS951413 Datasheet HTML 15Page - Renesas Technology Corp ICS951413 Datasheet HTML 16Page - Renesas Technology Corp ICS951413 Datasheet HTML 17Page - Renesas Technology Corp ICS951413 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
14
Integrated
Circuit
Systems, Inc.
ICS951413
0929D—10/30/06
SMBus Table: SRC Spread Spectrum Control Register
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
Reserved
Reserved
R
-
-
0
Bit 6
SSP14
RW
X
Bit 5
SSP13
RW
X
Bit 4
SSP12
RW
X
Bit 3
SSP11
RW
X
Bit 2
SSP10
RW
X
Bit 1
SSP9
RW
X
Bit 0
SSP8
RW
X
SMBus Table: Programmable Output Divider Register
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
CPUDiv3
RW
X
Bit 6
CPUDiv2
RW
X
Bit 5
CPUDiv1
RW
X
Bit 4
CPUDiv0
RW
X
Bit 3
PCIDiv3
RW
X
Bit 2
PCIDiv2
RW
X
Bit 1
PCIDiv1
RW
X
Bit 0
PCIDiv0
RW
X
SMBus Table: Programmable Output Divider Register
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
SRC_Div3
RW
X
Bit 6
SRC_Div2
RW
X
Bit 5
SRC_Div1
RW
X
Bit 4
SRC_Div0
RW
X
Bit 3
ATIG_Div3
RW
X
Bit 2
ATIG_Div2
RW
X
Bit 1
ATIG_Div1
RW
X
Bit 0
ATIG_Div0
RW
X
SMBusTable: Test Byte Register
Test
Type
PWD
Bit 7
RW
0
Bit 6
RW
0
Bit 5
RW
0
Bit 4
RW
0
Bit 3
RW
0
Bit 2
RW
0
Bit 1
RW
0
Bit 0
RW
0
ICS ONLY TEST
Reserved
ICS ONLY TEST
Reserved
ICS ONLY TEST
Reserved
ICS ONLY TEST
Reserved
ICS ONLY TEST
Reserved
ICS ONLY TEST
Reserved
ICS ONLY TEST
Reserved
Byte 21
Test Function
Test Result
`
ICS ONLY TEST
Reserved
-
-
-
-
-
-
-
-
-
-
-
Byte 20
-
-
-
-
-
-
Byte 19
-
-
-
-
-
Byte 18
-
-
ATIG_ Divider Ratio
Programming Bits
See Table 5: ATIG and
SRC Divider Ratios
SRC_ Divider Ratio
Programming Bits
Spread Spectrum
Programming b(14:8)
These Spread Spectrum
bits in Byte 17 and 18
will program the spread
pecentage of SRC
CPU Divider Ratio
Programming Bits
PCI Divider Ratio
Programming Bits
See Table 3: CPU
Divider Ratios
See Table 4: PCI Divider
Ratios



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com