Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS954321 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS954321
Description  Programmable Timing Control Hub™ for P4™ processor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS954321 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS954321 Datasheet HTML 1Page - Renesas Technology Corp ICS954321 Datasheet HTML 2Page - Renesas Technology Corp ICS954321 Datasheet HTML 3Page - Renesas Technology Corp ICS954321 Datasheet HTML 4Page - Renesas Technology Corp ICS954321 Datasheet HTML 5Page - Renesas Technology Corp ICS954321 Datasheet HTML 6Page - Renesas Technology Corp ICS954321 Datasheet HTML 7Page - Renesas Technology Corp ICS954321 Datasheet HTML 8Page - Renesas Technology Corp ICS954321 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
Integrated
Circuit
Systems, Inc.
ICS954321
1078B—09/20/05
Pin Description (Continued)
PIN #
PIN NAME
TYPE
DESCRIPTION
33
*OEB#
IN
Active low input for enabling outputs.
1 = tri-state outputs, 0 = enable outputs
34
*OEA#
IN
Active low input for enabling outputs.
1 = tri-state outputs, 0 = enable outputs
35
SRCCLKC7
OUT
Complement clock of differential SRC clock pair.
36
SRCCLKT7
OUT
True clock of differential SRC clock pair.
37
SRCCLKC8
OUT
Complement clock of differential SRC clock pair.
38
SRCCLKT8
OUT
True clock of differential SRC clock pair.
39
GND
PWR
Ground pin.
40
SRCCLKC9
OUT
True clock of differential push-pull SRC clock pair.
41
SRCCLKT9
OUT
True clock of differential SRC clock pair.
42
VDDSRC
PWR
Supply for SRC clocks, 3.3V nominal
43
CPUCLKC2_ITP/SRCCLKC10 OUT
Complementary clock of CPU_ITP/SRC differential pair CPU_ITP/SRC output.
These are current mode outputs. External resistors are required for voltage bias.
Selected by ITP_EN input.
44
CPUCLKT2_ITP/SRCCLKT10 OUT
True clock of CPU_ITP/SRC differential pair CPU_ITP/SRC output. These are
current mode outputs. External resistors are required for voltage bias. Selected
by ITP_EN input.
45
VDDA
PWR
3.3V power for the PLL core.
46
GNDA
PWR
Ground pin for the PLL core.
47
IREF
OUT
This pin establishes the reference current for the differential current-mode output
pairs. This pin requires a fixed precision resistor tied to ground in order to
establish the appropriate current. 475 ohms is the standard value.
48
CPUCLKC1
OUT
Complementary clock of differential pair CPU outputs. These are current mode
outputs. External resistors are required for voltage bias.
49
CPUCLKT1
OUT
True clock of differential pair CPU outputs. These are current mode outputs.
External resistors are required for voltage bias.
50
VDDCPU
PWR
Supply for CPU clocks, 3.3V nominal
51
CPUCLKC0
OUT
Complementary clock of differential pair CPU outputs. These are current mode
outputs. External resistors are required for voltage bias.
52
CPUCLKT0
OUT
True clock of differential pair CPU outputs. These are current mode outputs.
External resistors are required for voltage bias.
53
GND
PWR
Ground pin.
54
SCLK
IN
Clock pin of SMBus circuitry, 5V tolerant.
55
SDATA
I/O
Data pin for SMBus circuitry, 5V tolerant.
56
VDDREF
PWR
Ref, XTAL power supply, nominal 3.3V
57
X2
OUT
Crystal output, Nominally 14.318MHz
58
X1
IN
Crystal input, Nominally 14.318MHz.
59
GND
PWR
Ground pin.
60
REF
OUT
14.318 MHz reference clock.
61
FSLC/TEST_SEL
IN
3.3V tolerant input for CPU frequency selection. Low voltage threshold inputs,
see input electrical characteristics for Vil_FS and Vih_FS values.
TEST_Sel: 3-level latched input to enable test mode.
Refer to Test Clarification Table
62
CPU_STOP#
IN
Stops all CPUCLK, except those set to be free running clocks
63
PCI_STOP#
IN
Stops all PCICLKs at logic 0 level, when low. Free running PCICLKs are not
effected by this input.
64
PCICLK0
OUT
PCI clock output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com