Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS954321 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS954321
Description  Programmable Timing Control Hub™ for P4™ processor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS954321 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS954321 Datasheet HTML 1Page - Renesas Technology Corp ICS954321 Datasheet HTML 2Page - Renesas Technology Corp ICS954321 Datasheet HTML 3Page - Renesas Technology Corp ICS954321 Datasheet HTML 4Page - Renesas Technology Corp ICS954321 Datasheet HTML 5Page - Renesas Technology Corp ICS954321 Datasheet HTML 6Page - Renesas Technology Corp ICS954321 Datasheet HTML 7Page - Renesas Technology Corp ICS954321 Datasheet HTML 8Page - Renesas Technology Corp ICS954321 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
Integrated
Circuit
Systems, Inc.
ICS954321
1078B—09/20/05
Pin Description
PIN #
PIN NAME
TYPE
DESCRIPTION
1
VDDPCI
PWR
Power supply for PCI clocks, nominal 3.3V
2
GND
PWR
Ground pin.
3
PCICLK1
OUT
PCI clock output.
4
PCICLK2
OUT
PCI clock output.
5
*SEL_LCDCLK#/PCICLK3
I/O
Latched input select for LCD_ss/ SRCCLK output frequency:
0 = LCD,
1 = SRCCLK/ 3.3V free-running PCI clock output.
6
ITP_EN/PCICLK_F0
I/O
Free running PCI clock not affected by PCI_STOP#.
ITP_EN: latched input to select pin functionality
1 = CPU_ITP pair
0 = SRC pair
7*OE0#
IN
Active low input for enabling DIF pair 0.
1 = tri-state outputs, 0 = enable outputs
8*OE1#
IN
Active low input for enabling DIF pair 1.
1 = tri-state outputs, 0 = enable outputs
9*OE2#
IN
Active low input for enabling DIF pair 2.
1 = tri-state outputs, 0 = enable outputs
10
Vtt_PwrGd#/PD
IN
Vtt_PwrGd# is an active low input used to determine when latched inputs are
ready to be sampled. PD is an asynchronous active high input pin used to put the
device into a low power state. The internal clocks, PLLs and the crystal oscillator
are stopped.
11
VDD48
PWR
Power pin for the 48MHz output.3.3V
12
FSLA/USB_48MHz
I/O
3.3V tolerant input for CPU frequency selection. Refer to input electrical
characteristics for Vil_FS and Vih_FS values. / Fixed 48MHz USB clock output.
3.3V.
13
GND
PWR
Ground pin.
14
DOTT_96MHz
OUT
True clock of differential pair for 96.00MHz DOT clock.
15
DOTC_96MHz
OUT
Complement clock of differential pair for 96.00MHz DOT clock.
16
FSLB/TEST_MODE
IN
3.3V tolerant input for CPU frequency selection. Refer to input electrical
characteristics for Vil_FS and Vih_FS values. TEST_MODE is a real time input to
select between Hi-Z and REF/N divider mode while in test mode. Refer to Test
Clarification Table.
17
LCDCLK_SST/SRCCLKT0
OUT
True clock of LCDCLK_SS output / True clock of SRCCLK differential pair.
Selected by SEL_LCDCLK#
18
LCDCLK_SSC/SRCCLKC0
OUT
Complementary clock of LCDCLK_SS output / Complementary clock of SRCCLK
differential pair. Selected by SEL_LCDCLK#
19
SRCCLKT1
OUT
True clock of differential SRC clock pair.
20
SRCCLKC1
OUT
Complement clock of differential push-pull SRC clock pair.
21
VDDSRC
PWR
Supply for SRC clocks, 3.3V nominal
22
SRCCLKT2
OUT
True clock of differential SRC clock pair.
23
SRCCLKC2
OUT
Complement clock of differential SRC clock pair.
24
SRCCLKT3
OUT
True clock of differential SRC clock pair.
25
SRCCLKC3
OUT
Complement clock of differential SRC clock pair.
26
SRCCLKT4
OUT
True clock of differential SRC clock pair.
27
SRCCLKC4
OUT
Complement clock of differential SRC clock pair.
28
VDDSRC
PWR
Supply for SRC clocks, 3.3V nominal
29
GND
PWR
Ground pin.
30
SRCCLKT5
OUT
True clock of differential SRC clock pair.
31
SRCCLKC5
OUT
Complement clock of differential SRC clock pair.
32
*OE3#
IN
Active low input for enabling DIF pair 3.
1 = tri-state outputs, 0 = enable outputs
Note: Pins 5, 7, 8, 9, 32, 33, and 34 have internal pull-up resistors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com