Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS954321 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ICS954321
Description  Programmable Timing Control Hub™ for P4™ processor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS954321 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ICS954321 Datasheet HTML 4Page - Renesas Technology Corp ICS954321 Datasheet HTML 5Page - Renesas Technology Corp ICS954321 Datasheet HTML 6Page - Renesas Technology Corp ICS954321 Datasheet HTML 7Page - Renesas Technology Corp ICS954321 Datasheet HTML 8Page - Renesas Technology Corp ICS954321 Datasheet HTML 9Page - Renesas Technology Corp ICS954321 Datasheet HTML 10Page - Renesas Technology Corp ICS954321 Datasheet HTML 11Page - Renesas Technology Corp ICS954321 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
Integrated
Circuit
Systems, Inc.
ICS954321
1078B—09/20/05
SMBus Table:Output Control Register
Control
Function
Bit 7
-
Bit 6
CPUCLK2_ITP_STOP Drive
Mode
RW
0
Bit 5
CPUCLK1_STOP Drive
Mode
RW
0
Bit 4
CPUCLK0_STOP Drive
Mode
RW
0
Bit 3
SRCCLK (10:7, 5:0), LCD
PD Drive Mode
RW
0
Bit 2
CPUCLK2_ITP PD Drive
Mode
RW
0
Bit 1
CPUCLK[1:0] PD Drive
Mode
RW
0
Bit 0
ITP_EN
SRCCLK/CPU_ITP select
Rlatch
SMBus Table: Output Control Register
Control
Function
Bit 7
SS4
LCDCLK Spread Prog Bit
4
RW
0
Bit 6
SS3
LCDCLK Spread Prog Bit
3
RW
1
Bit 5
SS2
LCDCLK Spread Prog Bit
2
RW
0
Bit 4
SS1
LCDCLK Spread Prog Bit
1
RW
0
Bit 3
SS0
LCDCLK Spread Prog Bit
0
RW
0
Bit 2
FSLC
Freq Select Bit 2
R
Latched
Bit 1
FSLB
Freq Select Bit 1
R
Latched
Bit 0
FSLA
Freq Select Bit 0
R
Latched
SMBus Table: Vendor & Revision ID Register
Control
Function
Bit 7
RID3
R
x
Bit 6
RID2
R
x
Bit 5
RID1
R
x
Bit 4
RID0
R
x
Bit 3
VID3
R
0
Bit 2
VID2
R
0
Bit 1
VID1
R
0
Bit 0
VID0
R
1
SMBus Table: Byte Count Register
Control
Function
Bit 7
BC7
RW
0
Bit 6
BC6
RW
0
Bit 5
BC5
RW
0
Bit 4
BC4
RW
1
Bit 3
BC3
RW
0
Bit 2
BC2
RW
0
Bit 1
BC1
RW
0
Bit 0
BC0
RW
1
96Mhz
100Mhz
See Table 2: LCDCLK Freq Sel
See Table 1: PLL1 Frequency Selection
Table
0
-
-
-
-
Pin #
-
-
-
-
-
-
-
Byte 6
Pin #
Name
Type
-
-
-
Byte 8
PWD
Type
0
1
PWD
Hi-Z
Hi-Z
Driven
Driven in Pow erdow n
(PD)
Hi-Z
Driven
Driven
Driven
Reserved
0
Driven
Driven
Hi-Z
1
SRCCLK6
CPU_ITP
-
Name
Driven in CPU_STOP#
-
Hi-Z
Hi-Z
-
-
-
-
Byte 5
Pin #
-
PWD
1
Writing to this register will configure how
many bytes will be read back, default is
0F = 17 bytes.
Byte 7
Pin #
Name
Type
-
-
-
-
-
PWD
-
REVISION ID
--
-
--
0
-
--
-
--
-
VENDOR ID
--
-
--
-
-
-
1
-
Name
Type
Byte Count Programming
b(7:0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com