Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS954321 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ICS954321
Description  Programmable Timing Control Hub™ for P4™ processor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS954321 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ICS954321 Datasheet HTML 6Page - Renesas Technology Corp ICS954321 Datasheet HTML 7Page - Renesas Technology Corp ICS954321 Datasheet HTML 8Page - Renesas Technology Corp ICS954321 Datasheet HTML 9Page - Renesas Technology Corp ICS954321 Datasheet HTML 10Page - Renesas Technology Corp ICS954321 Datasheet HTML 11Page - Renesas Technology Corp ICS954321 Datasheet HTML 12Page - Renesas Technology Corp ICS954321 Datasheet HTML 13Page - Renesas Technology Corp ICS954321 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
Integrated
Circuit
Systems, Inc.
ICS954321
1078B—09/20/05
SMBus Table: Spread Spectrum Control Register
Control
Function
Bit 7
Reserved
Reserved
R
0
Bit 6
SSP14
RW
X
Bit 5
SSP13
RW
X
Bit 4
SSP12
RW
X
Bit 3
SSP11
RW
X
Bit 2
SSP10
RW
X
Bit 1
SSP9
RW
X
Bit 0
SSP8
RW
X
SMBus Table: Output Divider Control Register
Control
Function
Bit 7
SRCCLK Div3
RW
0000:/2
0100:/4
1000:/8
1100:/16
X
Bit 6
SRCCLK Div2
RW
0001:/3
0101:/6
1001:/12
1101:/24
X
Bit 5
SRCCLK Div1
RW
0010:/5
0110:/10
1010:/20
1110:/40
X
Bit 4
SRCCLK Div0
RW
0011:/15
0111:/30
1011:/60
1111:/120
X
Bit 3
CPU Div3
RW
0000:/2
0100:/4
1000:/8
1100:/16
X
Bit 2
CPU Div2
RW
0001:/3
0101:/6
1001:/12
1101:/24
X
Bit 1
CPU Div1
RW
0010:/5
0110:/10
1010:/20
1110:/40
X
Bit 0
CPU Div0
RW
0011:/15
0111:/30
1011:/60
1111:/120
X
SMBus Table: CLKREQ# Control Register
Control
Function
Bit 7
Reserved
Reserved
RW
0
Bit 6
SRCCLK4 is controlled
RW
1
Bit 5
SRCCLK8 is controlled
RW
0
Bit 4
SRCCLK10 is controlled
RW
0
Bit 3
Reserved
Reserved
RW
0
Bit 2
SRCCLK5 is controlled
RW
1
Bit 1
SRCCLK7 is controlled
RW
0
Bit 0
SRCCLK9 is controlled
RW
0
SMBus Table: PLL 2 VCO Frequency Control Register
Control
Function
Bit 7
N Div8
N Divider Prog bit 8
RW
X
Bit 6
N Div9
N Divider Prog bit 9
RW
X
Bit 5
M Div5
RW
X
Bit 4
M Div4
RW
X
Bit 3
M Div3
RW
X
Bit 2
M Div2
RW
X
Bit 1
M Div1
RW
X
Bit 0
M Div0
RW
X
SMBus Table: PLL 2 VCO Frequency Control Register
Control
Function
Bit 7
N Div7
RW
X
Bit 6
N Div6
RW
X
Bit 5
N Div5
RW
X
Bit 4
N Div4
RW
X
Bit 3
N Div3
RW
X
Bit 2
N Div2
RW
X
Bit 1
N Div1
RW
X
Bit 0
N Div0
RW
X
Not Controlled
Controlled
1
The decimal representation of M and N
Divier in Byte 17 and 18 will configure the
VCO frequency. Default at power up = Byte
0 Rom table. VCO Frequency = 14.318 x
[NDiv(9:0)+8] / [MDiv(5:0)+2]
Controlled
1
Type
Not Controlled
Controlled
Not Controlled
--
Controlled
-
M Divider Programming
bits
Spread Spectrum
Programming b(14:8)
1
CPUDivider Ratio
Programming Bits
SRCCLK Divider Ratio
Programming Bits
Type
-
-
-
PWD
01
PWD
0
The decimal representation of M and N
Divier in Byte 17 and 18 will configure the
VCO frequency. Default at power up = Byte
0 Rom table. VCO Frequency = 14.318 x
[NDiv(9:0)+8] / [MDiv(5:0)+2]
PWD
Name
Type
0
1
PWD
PWD
Name
Type
Name
0
-
-
-
-
-
-
-
-
-
-
-
-
Byte 14
Pin #
Type
-
Name
OEB# controls selected
outputs. Outputs controlled by
this pin will be Hi-Z when
OEB# is high.
OEA# controls selected
outputs. Outputs controlled by
this pin will be Hi-Z when
OEA# is high.
-
-
-
-
Pin #
-
Pin #
Byte 16
-
-
Pin #
Byte 15
-
-
-
-
-
-
-
-
Byte 17
Byte 18
-
-
-
Pin #
Name
-
N Divider Programming
b(8:0)
-
-
-
-
-
-
0
These Spread Spectrum bits in Byte 13 and
14 will program the spread pecentage. It is
recommended to use ICS Spread % table for
spread programming.
-
Not Controlled
Not Controlled
Not Controlled
-
Controlled
Controlled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com