Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS954321 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ICS954321
Description  Programmable Timing Control Hub™ for P4™ processor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS954321 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ICS954321 Datasheet HTML 8Page - Renesas Technology Corp ICS954321 Datasheet HTML 9Page - Renesas Technology Corp ICS954321 Datasheet HTML 10Page - Renesas Technology Corp ICS954321 Datasheet HTML 11Page - Renesas Technology Corp ICS954321 Datasheet HTML 12Page - Renesas Technology Corp ICS954321 Datasheet HTML 13Page - Renesas Technology Corp ICS954321 Datasheet HTML 14Page - Renesas Technology Corp ICS954321 Datasheet HTML 15Page - Renesas Technology Corp ICS954321 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
12
Integrated
Circuit
Systems, Inc.
ICS954321
1078B—09/20/05
OE#
SRCCLK
Figure 2. OE# Control Tim ing
Power Stable to Device
TSRCSTBL
TPVCRL
VPCIEXDEV
SRCCLK
OE#
Figure 1. Power-Up OE# Tim ing
Symbol
Parameter
Min
Max
Units
TPVCRL
Power Valid to OE# Output Active (Fig. 1)
100
µs
TSRCSTBL
SRC Clock Stablilzation Time from assertion of OE#
(Fig. 1)
800
µs
1This timing is valid only after system clocks are stable.
Symbol
Parameter
Min
Max
Units
TCRHoff
OE# De-asserted High to SRCCLK Parked (Fig. 2)
0
µs
TCRHon
OE# Asserted LOW to SRCCLK Active (Fig. 2)
0.4
µs
Table 1. Power-Up OE# Timing1
Table 2. OE# Control Timing
OE# - Assertion (transition from logic "1" to logic "0")
The impact of asserting the OE# pin is that the SRCCLK output will become active per the timing found in the OE#
Control Timing Table. The clock will become active in a glitch free manner, providing a full cycle at the time it
becomes active.
OE# - De-Assertion (transition from logic "0" to logic "1")
The impact of asserting the OE# pin is that the SRCCLK output will become inactive setliing in the Tristate condition
per the timing found the OE# Control Timing Table. The clock will become inactive in a glitch free manner.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com