Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS954321 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ICS954321
Description  Programmable Timing Control Hub™ for P4™ processor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS954321 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ICS954321 Datasheet HTML 3Page - Renesas Technology Corp ICS954321 Datasheet HTML 4Page - Renesas Technology Corp ICS954321 Datasheet HTML 5Page - Renesas Technology Corp ICS954321 Datasheet HTML 6Page - Renesas Technology Corp ICS954321 Datasheet HTML 7Page - Renesas Technology Corp ICS954321 Datasheet HTML 8Page - Renesas Technology Corp ICS954321 Datasheet HTML 9Page - Renesas Technology Corp ICS954321 Datasheet HTML 10Page - Renesas Technology Corp ICS954321 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
Integrated
Circuit
Systems, Inc.
ICS954321
1078B—09/20/05
SMBus Table: Output Control Register
Control
Function
Bit 7
CPUCLK2_ITP/SRCCLK10
Enable
Output Enable
RW
1
Bit 6
SRCCLK7 Enable
Output Enable
RW
1
Bit 5
SRCCLK5 Enable
Output Enable
RW
1
Bit 4
SRCCLK4 Enable
Output Enable
RW
1
Bit 3
SRCCLK3 Enable
Output Enable
RW
1
Bit 2
SRCCLK2 Enable
Output Enable
RW
1
Bit 1
SRCCLK1 Enable
Output Enable
RW
1
Bit 0
LCDCLK/SRCCLK0 Enable
Output Enable
RW
1
SMBus Table: Spread and Output Control Register
Control
Function
Bit 7
Test Clock Mode Entry
Test Mode
RW
0
Bit 6
DOT_96MHz Enable
Output Enable
RW
1
Bit 5
USB_48MHz Enable
Output Enable
RW
1
Bit 4
REFOUT Enable
Output Enable
RW
1
Bit 3
LCDCLK Spectrum Mode
Spread Control
RW
1
Bit 2
CPUCLK1
Output Enable
RW
1
Bit 1
CPUCLK0
Output Enable
RW
1
Bit 0
Spread Spectrum Mode
Spread Control for PLL1
RW
0
SMBus Table: Output Control Register
Control
Function
Bit 7
PCICLK3
Output Enable
RW
1
Bit 6
PCICLK2
Output Enable
RW
1
Bit 5
PCICLK1
Output Enable
RW
1
Bit 4
PCICLK0
Output Enable
RW
1
Bit 3
Test Mode Selection
Test Mode Selection
RW
0
Bit 2
PCI_STOP
Stop all PCI clocks
RW
1
Bit 1
PCI_F0 Enable
Output Enable
RW
1
Bit 0
1
SMBus Table: Output Control Register
Control
Function
Bit 7
-
Bit 6
SRCCLK9 Enable
Output Enable
RW
1
Bit 5
SRCCLK8 Enable
Output Enable
RW
1
Bit 4
-
Bit 3
-
Bit 2
-
Bit 1
-
Bit 0
-
SMBus Table:Output Control Register
Control
Function
Bit 7
1
Bit 6
96MHz
Driven in PD
RW
1
Bit 5
REFOUT STRENGTH
Strength Programming
RW
1
Bit 4
1
Bit 3
PCI_F0
Allow assertion of
PCI_STOP# or setting of
PCI_STOP control bit in
SMBus register to stop
PCICLK_F output.
RW
1
Bit 2
CPUCLK2_ITP
RW
1
Bit 1
CPUCLK1
RW
1
Bit 0
CPUCLK0
RW
1
Disable
4
3
-
6
-
64
-
-
0
Byte 3
Hi-Z
Pin #
Name
Type
Disable
Reserved
0
Disable
Byte 2
Pin #
Name
Type
5
PWD
PWD
Enable
1
Enable
Disable
Enable
1
REF/N
Enable
-
-
Enable
PWD
Disable
Disable
38, 37
41, 40
Enable
Enable
Type
Free Running
0
1X
Hi-Z
2X
Free Running
Free Running
Stoppable
Name
-
Allow assertion of
CPU_STOP# to stop
CPUCLK outputs
-
-
-
1
Stoppable
Stoppable
Stoppable
Reserved
Driven
Free Running
Reserved
-
-
Pin #
-
Byte 4
-
-
-
PWD
36, 35
Byte 0
Pin #
Name
Type
44, 43
Disable
Disable
Enable
01
Disable
Enable
20, 19
18, 17
31, 30
27, 26
25, 24
23, 22
PWD
01
Byte 1
Pin #
Name
Type
Disable
Enable
Enable
Enable
Disable
Disable
OFF
ON
52, 51
-
Enable
Disable
Enable
60
-
-
49, 48
12
Enable
Disable
Enable
Disable
15, 14
Disable
Enable
Disable
Enable
Disable
Enable
OFF
ON
Disable
Enable
Disable
Enable
Reserved
Reserved
Reserved
Reserved
Enable
Disable
Disable
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com