Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF521 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BLF521
Description  UHF power MOS transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF521 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BLF521 Datasheet HTML 4Page - NXP Semiconductors BLF521 Datasheet HTML 5Page - NXP Semiconductors BLF521 Datasheet HTML 6Page - NXP Semiconductors BLF521 Datasheet HTML 7Page - NXP Semiconductors BLF521 Datasheet HTML 8Page - NXP Semiconductors BLF521 Datasheet HTML 9Page - NXP Semiconductors BLF521 Datasheet HTML 10Page - NXP Semiconductors BLF521 Datasheet HTML 11Page - NXP Semiconductors BLF521 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
November 1992
8
Philips Semiconductors
Product specification
UHF power MOS transistor
BLF521
List of components (class-AB test circuit)
Notes
1. American Technical Ceramics (ATC) capacitor, type 100B or other capacitor of the same quality.
2. American Technical Ceramics (ATC) capacitor, type 100A or other capacitor of the same quality.
3. The striplines are on a double copper-clad printed circuit board, with PTFE fibre-glass dielectric (
εr = 2.2),
thickness 1.6 mm.
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
CATALOGUE NO.
C1, C5, C8, C15
multilayer ceramic chip capacitor
(note 1)
390 pF, 500 V
C2, C13
film dielectric trimmer
2 to 9 pF
2222 809 09002
C3
multilayer ceramic chip capacitor
(note 2)
5.6 pF, 500 V
C4
film dielectric trimmer
2 to 18 pF
2222 809 09003
C6, C11
multilayer ceramic chip capacitor
2
× 100 nF in
parallel, 50 V
2222 852 47104
C7, C9
multilayer ceramic chip capacitor
100 nF, 50 V
2222 852 47104
C10
electrolytic capacitor
10
µF, 63 V
2222 030 38109
C12
multilayer ceramic chip capacitor
(note 2)
9.1 pF, 50 V
C14
film dielectric trimmer
1.4 to 5.5 pF
2222 809 09001
L1
stripline (note 3)
83
Ω
20
× 2mm
L2
stripline (note 3)
83
Ω
21
× 2mm
L3
stripline (note 3)
83
Ω
19
× 2mm
L4, L5
stripline (note 3)
67
Ω
12
× 3mm
L6
5 turns enamelled 0.5 mm copper
wire
62 nH
length 3.75 mm
int. dia. 3 mm
leads 2
× 4mm
L7
grade 3B Ferroxcube RF choke
4312 020 36642
L8
stripline (note 3)
83
Ω
18.6
× 2mm
L9
stripline (note 3)
83
Ω
31.6
× 2mm
L10
stripline (note 3)
83
Ω
2
× 2mm
R1
0.4 W metal film resistor
274
Ω
2322 151 72741
R2
0.4 W metal film resistor
1.96 k
Ω
2322 151 71962
R3
0.4 W metal film resistor
1 M
Ω
2322 151 71005
R4
cermet potentiometer
5 k
Ω
R5
0.4 W metal film resistor
7.5 k
Ω
2322 151 77502
R6
1 W metal film resistor
10
Ω
2322 153 51009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com