Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF521 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BLF521
Description  UHF power MOS transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF521 Datasheet(HTML) 3 Page - NXP Semiconductors

  BLF521 Datasheet HTML 1Page - NXP Semiconductors BLF521 Datasheet HTML 2Page - NXP Semiconductors BLF521 Datasheet HTML 3Page - NXP Semiconductors BLF521 Datasheet HTML 4Page - NXP Semiconductors BLF521 Datasheet HTML 5Page - NXP Semiconductors BLF521 Datasheet HTML 6Page - NXP Semiconductors BLF521 Datasheet HTML 7Page - NXP Semiconductors BLF521 Datasheet HTML 8Page - NXP Semiconductors BLF521 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
November 1992
3
Philips Semiconductors
Product specification
UHF power MOS transistor
BLF521
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 134).
THERMAL RESISTANCE
Note
1. Mounted on printed circuit board, see Fig.12.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source voltage
−
40
V
±VGS
gate-source voltage
−
20
V
ID
DC drain current
−
1A
Ptot
total power dissipation
up to Tmb =25 °C
−
10
W
Tstg
storage temperature
−65
150
°C
Tj
junction temperature
−
200
°C
SYMBOL
PARAMETER
THERMAL
RESISTANCE
Rth j-mb
thermal resistance from junction to mounting base
17.5 K/W
Rth j-a
thermal resistance from junction to ambient (note 1)
75 K/W
Fig.2 DC SOAR.
(1) Current in this area may be limited by RDS(on).
(2) Tmb =25 °C.
handbook, halfpage
0.1
1
1
10
100
5
(1)
ID
(A)
VDS (V)
MRA989
(2)
Fig.3 Power/temperature derating curves.
(1) Continuous operation.
(2) Short-time operation during mismatch.
handbook, halfpage
0
40
80
160
16
12
4
0
8
120
MDA486
(1)
(2)
Ptot
(W)
Tmb ( °C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com