Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF521 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # BLF521
Description  UHF power MOS transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF521 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button BLF521 Datasheet HTML 6Page - NXP Semiconductors BLF521 Datasheet HTML 7Page - NXP Semiconductors BLF521 Datasheet HTML 8Page - NXP Semiconductors BLF521 Datasheet HTML 9Page - NXP Semiconductors BLF521 Datasheet HTML 10Page - NXP Semiconductors BLF521 Datasheet HTML 11Page - NXP Semiconductors BLF521 Datasheet HTML 12Page - NXP Semiconductors BLF521 Datasheet HTML 13Page - NXP Semiconductors BLF521 Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
November 1992
11
Philips Semiconductors
Product specification
UHF power MOS transistor
BLF521
Common emitter S-parameters
Measured at VDS = 12.5 V and ID = 100 mA.
Measured at VDS = 12.5 V and ID = 150 mA.
f
(MHz)
S11
S21
S12
S22
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
40
0.968
−24.0
10.749
161.5
0.044
72.6
0.900
−27.4
100
0.864
−55.4
9.105
138.3
0.094
51.7
0.828
−62.4
200
0.701
−91.0
6.353
112.7
0.130
29.7
0.735
−100.8
300
0.626
−112.4
4.693
97.0
0.140
17.2
0.693
−122.7
400
0.587
−127.0
3.622
85.6
0.141
9.4
0.678
−136.3
500
0.580
−137.1
2.959
76.5
0.139
4.0
0.675
−145.4
600
0.580
−144.6
2.498
68.8
0.135
0.0
0.675
−152.1
700
0.581
−151.7
2.131
61.4
0.130
−2.5
0.677
−157.5
800
0.588
−157.6
1.874
54.7
0.123
−4.3
0.677
−162.3
900
0.596
−163.5
1.656
48.8
0.115
−4.8
0.683
−166.9
1000
0.605
−168.8
1.473
43.0
0.107
−4.4
0.689
−171.2
f
(MHz)
S11
S21
S12
S22
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
40
0.965
−25.9
11.435
160.6
0.044
72.0
0.876
−29.2
100
0.857
−58.7
9.534
136.8
0.092
50.1
0.804
−65.7
200
0.691
−95.1
6.529
111.3
0.125
28.6
0.715
−104.3
300
0.622
−116.7
4.783
96.0
0.134
16.7
0.678
−125.8
400
0.588
−130.3
3.663
84.8
0.135
9.2
0.666
−138.8
500
0.580
−140.8
2.988
75.9
0.133
4.3
0.665
−147.5
600
0.582
−147.8
2.515
68.4
0.128
0.7
0.666
−154.0
700
0.586
−154.9
2.154
61.2
0.123
−1.3
0.668
−159.1
800
0.588
−160.5
1.897
54.6
0.117
−2.6
0.669
−163.8
900
0.599
−166.3
1.673
48.8
0.111
−2.6
0.675
−168.1
1000
0.609
−171.7
1.493
43.0
0.103
−1.7
0.681
−172.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com