Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF521 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BLF521
Description  UHF power MOS transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF521 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BLF521 Datasheet HTML 6Page - NXP Semiconductors BLF521 Datasheet HTML 7Page - NXP Semiconductors BLF521 Datasheet HTML 8Page - NXP Semiconductors BLF521 Datasheet HTML 9Page - NXP Semiconductors BLF521 Datasheet HTML 10Page - NXP Semiconductors BLF521 Datasheet HTML 11Page - NXP Semiconductors BLF521 Datasheet HTML 12Page - NXP Semiconductors BLF521 Datasheet HTML 13Page - NXP Semiconductors BLF521 Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
November 1992
10
Philips Semiconductors
Product specification
UHF power MOS transistor
BLF521
Fig.13 Input impedance as a function of frequency
(series components), typical values per
section.
Class-B operation; VDS = 12.5 V; IDQ = 10 mA;
RGS = 274 Ω;PL =2W.
handbook, halfpage
100
50
0
−50
−100
200
xi
ri
f (MHz)
Zi
(
Ω)
300
500
400
MDA478
Fig.14 Load impedance as a function of frequency
(series components), typical values.
Class-B operation; VDS = 12.5 V; IDQ = 10 mA;
RGS = 274 Ω;PL =2W.
handbook, halfpage
100
200
300
ZL
(
Ω)
f (MHz)
500
50
0
40
400
30
20
10
MDA477
XL
RL
Fig.15 Definition of MOS impedance.
handbook, halfpage
MBA379
Zi
ZL
Fig.16 Power gain as a function of frequency,
typical values.
Class-B operation; VDS = 12.5 V; IDQ = 10 mA;
RGS = 274 Ω;PL =2W.
handbook, halfpage
100
200
300
Gp
(dB)
f (MHz)
500
20
0
16
400
12
8
4
MDA476



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com