Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF521 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # BLF521
Description  UHF power MOS transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF521 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button BLF521 Datasheet HTML 6Page - NXP Semiconductors BLF521 Datasheet HTML 7Page - NXP Semiconductors BLF521 Datasheet HTML 8Page - NXP Semiconductors BLF521 Datasheet HTML 9Page - NXP Semiconductors BLF521 Datasheet HTML 10Page - NXP Semiconductors BLF521 Datasheet HTML 11Page - NXP Semiconductors BLF521 Datasheet HTML 12Page - NXP Semiconductors BLF521 Datasheet HTML 13Page - NXP Semiconductors BLF521 Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
November 1992
13
Philips Semiconductors
Product specification
UHF power MOS transistor
BLF521
PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT172D
97-06-28
H
b
b1
H
0
5
10 mm
scale
Q
A
D
D1
c
Studless ceramic package; 4 leads
SOT172D
1
2
3
4
UNIT
A
mm
D
b
3.31
3.04
b1
0.89
0.63
0.16
0.10
5.20
4.95
5.33
5.08
1.15
0.88
3.71
2.89
c
D1
H
26.17
24.63
inches
0.13
0.12
0.035
0.025
0.006
0.004
0.205
0.195
0.210
0.200
0.045
0.035
0.146
0.114
1.03
0.97
Q
DIMENSIONS (millimetre dimensions are derived from the original inch dimensions)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com