Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF521 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # BLF521
Description  UHF power MOS transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF521 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button BLF521 Datasheet HTML 6Page - NXP Semiconductors BLF521 Datasheet HTML 7Page - NXP Semiconductors BLF521 Datasheet HTML 8Page - NXP Semiconductors BLF521 Datasheet HTML 9Page - NXP Semiconductors BLF521 Datasheet HTML 10Page - NXP Semiconductors BLF521 Datasheet HTML 11Page - NXP Semiconductors BLF521 Datasheet HTML 12Page - NXP Semiconductors BLF521 Datasheet HTML 13Page - NXP Semiconductors BLF521 Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
November 1992
12
Philips Semiconductors
Product specification
UHF power MOS transistor
BLF521
Measured at VDS = 12.5 V and ID = 200 mA.
Measured at VDS = 12.5 V and ID = 250 mA.
f
(MHz)
S11
S21
S12
S22
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
40
0.965
−26.7
11.660
160.1
0.044
71.4
0.854
−30.4
100
0.851
−60.7
9.625
135.9
0.091
49.4
0.783
−67.7
200
0.688
−97.5
6.524
110.5
0.123
27.9
0.699
−106.5
300
0.623
−118.8
4.751
95.2
0.131
16.4
0.666
−127.6
400
0.590
−132.7
3.644
84.3
0.132
9.2
0.657
−140.3
500
0.585
−142.4
2.968
75.3
0.130
4.3
0.658
−148.7
600
0.583
−150.0
2.495
67.8
0.126
1.0
0.659
−155.0
700
0.589
−156.7
2.137
60.7
0.120
−0.8
0.662
−160.0
800
0.593
−162.2
1.877
54.3
0.114
−1.9
0.664
−164.6
900
0.602
−167.8
1.656
48.4
0.108
−1.7
0.670
−168.9
1000
0.612
−173.0
1.476
42.8
0.100
−0.5
0.677
−173.0
f
(MHz)
S11
S21
S12
S22
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
40
0.963
−27.3
11.640
159.7
0.045
70.8
0.832
−31.3
100
0.848
−62.0
9.567
135.2
0.092
48.9
0.766
−69.2
200
0.686
−99.3
6.434
109.8
0.123
27.4
0.688
−108.2
300
0.624
−120.3
4.674
94.6
0.130
16.0
0.657
−128.9
400
0.594
−134.2
3.582
83.8
0.130
8.9
0.651
−141.3
500
0.585
−143.9
2.914
74.7
0.128
4.2
0.651
−149.6
600
0.590
−150.8
2.447
67.4
0.124
0.9
0.654
−155.8
700
0.595
−157.6
2.097
60.3
0.119
−0.6
0.658
−160.7
800
0.601
−163.1
1.840
53.8
0.113
−1.7
0.660
−165.2
900
0.607
−168.8
1.625
48.0
0.106
−1.3
0.667
−169.4
1000
0.613
−174.1
1.447
42.2
0.099
−0.1
0.673
−173.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com