Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ED-IPC2000 Datasheet(PDF) 7 Page - EDA Technology Co.,LTD

Part # ED-IPC2000
Description  Computer for industrial application scenarios based on
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDATEC [EDA Technology Co.,LTD]
Direct Link  https://www.edatec.cn/
Logo EDATEC - EDA Technology Co.,LTD

ED-IPC2000 Datasheet(HTML) 7 Page - EDA Technology Co.,LTD

Back Button ED-IPC2000 Datasheet HTML 3Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 4Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 5Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 6Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 7Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 8Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 9Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 10Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 11Page - EDA Technology Co.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
ED-IPC2000 Series Datasheet
EDA Technology Co.,LTD
3
1.4 Functional layout
Itemnote
Function Description
Item
Function Description
A1
Micro SD Card
A11
Lan port
A2
Buzzer
A12
3.5mm headphone jack
A3
CSI
A13
CR1220
A4
Rpiboot button
A14
HDMI
A5
Speaker
A15
Indicator light
A6
USB 3.0
A16
Power Supply
A7
PoE
A17
12V output
A8
USB 2.0
A18
DSI
A9
USB 2.0
A19
40PIN
A10
Reset button
A20
5V output
Note: Only ED-IPC2020 include A3、A5、A12 and A18 interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com