Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ED-IPC2000 Datasheet(PDF) 20 Page - EDA Technology Co.,LTD

Part # ED-IPC2000
Description  Computer for industrial application scenarios based on
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDATEC [EDA Technology Co.,LTD]
Direct Link  https://www.edatec.cn/
Logo EDATEC - EDA Technology Co.,LTD

ED-IPC2000 Datasheet(HTML) 20 Page - EDA Technology Co.,LTD

Back Button ED-IPC2000 Datasheet HTML 15Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 16Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 17Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 18Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 19Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 20Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 21Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 22Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 23Page - EDA Technology Co.,LTD  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
ED-IPC2000 Series Datasheet
EDA Technology Co.,LTD
16
Pin
Name
I/O
Pin Definition
Pin configuration function
1
3V3
O
3.3V
/
2
5V
I/O
5V
/
3
PIN3
I/O
GPIO2
I2C1_SDA
4
5V
I/O
5V
/
5
PIN5
I/O
GPIO3
I2C1_SCL
6
GND
/
GND
/
7
PIN7
I/O
GPIO4
GPIO4
8
PIN8
I/O
GPIO14
TXD0
9
GND
/
GND
/
10
PIN10
I/O
GPIO15
RXD0
11
PIN11
I/O
GPIO17
GPIO17
12
PIN12
I/O
GPIO18
GPIO18
13
PIN13
I/O
GPIO27
SD_D3
14
GND
/
GND
/
15
PIN15
I/O
GPIO22
SD_CLK
16
PIN16
I/O
GPIO23
SD_CMD
17
3V3
O
3.3V
/
18
PIN18
I/O
GPIO24
SD_D0
19
PIN19
I/O
GPIO10
GPIO10
20
GND
/
GND
/
21
PIN21
I/O
GPIO9
GPIO9
22
PIN22
I/O
GPIO25
SD_D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com