Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ED-IPC2000 Datasheet(PDF) 13 Page - EDA Technology Co.,LTD

Part # ED-IPC2000
Description  Computer for industrial application scenarios based on
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDATEC [EDA Technology Co.,LTD]
Direct Link  https://www.edatec.cn/
Logo EDATEC - EDA Technology Co.,LTD

ED-IPC2000 Datasheet(HTML) 13 Page - EDA Technology Co.,LTD

Back Button ED-IPC2000 Datasheet HTML 9Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 10Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 11Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 12Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 13Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 14Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 15Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 16Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 17Page - EDA Technology Co.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
ED-IPC2000 Series Datasheet
EDA Technology Co.,LTD
9
3.3 Right Panel
3.3.1 Reset Button
The reset button is a hidden button, and the device will automatically restart after pressing this button.
Reset button is connected with the Global_EN pin of CM4, and when this pin is pulled down, the CM4
module will be reset. Pressing the reset button will set the Global_EN pin to a low level, thereby resetting
the ED-IPC2000 series device.
3.3.2 USB 2.0
IPC2000 series have 1 USB 2.0 Type-A, which is used as a burning interface when burning the system.
The official Raspberry Pi OS does not enable USB for CM4 by default. If the BSP provided by our
company has been installed in the system, this interface can be used as a regular USB 2.0.
Pin ID
Pin Name
1
5V
2
D-
3
D+
4
GND
3.3.3 USB 3.0
IPC2000 series have 2 USB 3.0 type-A. Users can extend other peripherals at this interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com