Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ED-IPC2000 Datasheet(PDF) 11 Page - EDA Technology Co.,LTD

Part # ED-IPC2000
Description  Computer for industrial application scenarios based on
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDATEC [EDA Technology Co.,LTD]
Direct Link  https://www.edatec.cn/
Logo EDATEC - EDA Technology Co.,LTD

ED-IPC2000 Datasheet(HTML) 11 Page - EDA Technology Co.,LTD

Back Button ED-IPC2000 Datasheet HTML 7Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 8Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 9Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 10Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 11Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 12Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 13Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 14Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 15Page - EDA Technology Co.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
ED-IPC2000 Series Datasheet
EDA Technology Co.,LTD
7
3.1.2 Indicator Light
IPC2000 series have 2 indicators:
Indicator
Description
Red LED
Power indicator
Green LED
Status indicator, used to indicate the reading and writing of eMMC, and can also be used to
judge the cause of startup failure.
tip:Green LED can also be used to analyze and judge the cause of system startup failure. Please refer to the
user manual for details.
3.1.3 HDMI
IPC2000 series have a standard HDMI Type A (full-size) interface, which uses CM4 HDMI0 signals and
supports HDMI2.1 video output with a maximum resolution of 4Kp60.
3.1.4 Headphone Interface (optional)
IPC2000 series have a 3.5mm CTIA headphone jack, which supports headphone microphone recording.
Note: Only ED-IPC2020 includes this interface.
3.1.5 Gigabit Ethernet
There is an adaptive 10/100/1000Mbsp Ethernet in IPC2000 series, which uses RJ45 interface. It is
recommended to use Cat6 (Category 6) network cable to cooperate with it.
Pin ID
Pin Name
1
TRD0+
2
TRD0-
3
TRD1+
4
TRD2+
5
TRD2-
6
TRD1-
7
TRD3+
8
TRD3-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com