Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ED-IPC2000 Datasheet(PDF) 15 Page - EDA Technology Co.,LTD

Part # ED-IPC2000
Description  Computer for industrial application scenarios based on
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDATEC [EDA Technology Co.,LTD]
Direct Link  https://www.edatec.cn/
Logo EDATEC - EDA Technology Co.,LTD

ED-IPC2000 Datasheet(HTML) 15 Page - EDA Technology Co.,LTD

Back Button ED-IPC2000 Datasheet HTML 11Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 12Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 13Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 14Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 15Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 16Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 17Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 18Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 19Page - EDA Technology Co.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
ED-IPC2000 Series Datasheet
EDA Technology Co.,LTD
11
Pin ID
Pin Name
1
12V
2
GND
4.2 USB 2.0 Pin Header
The ED-IPC2000 series also have a 1-way USB 2.0 Host, which is exported through a 1x5 1.27mm Pin
Header with an interface name of J16. Customers can expand USB Device devices based on their own
applications.
Pins are defined as follows:
Pin ID
Pin Name
1
5V
2
D-
3
D+
4
GND
5
GND
4.3 Buzzer
IPC2000 series have a buzzer, which is controlled by GPIO6, enabled at high level and disabled at low
level.
Buzzer control pin definition:
#
Signal
CM4 Pinout
1
BEEP
GPIO6
4.4 Speaker (optional)
The speaker interface is led out by a 4 Pin Wire-to-Board Connector , which supports two 5W speakers
and stereo playback.
Pin ID
Pin Name
1
OUT_R+
2
OUT_R-
3
OUT_L-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com