Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ED-IPC2000 Datasheet(PDF) 21 Page - EDA Technology Co.,LTD

Part # ED-IPC2000
Description  Computer for industrial application scenarios based on
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDATEC [EDA Technology Co.,LTD]
Direct Link  https://www.edatec.cn/
Logo EDATEC - EDA Technology Co.,LTD

ED-IPC2000 Datasheet(HTML) 21 Page - EDA Technology Co.,LTD

Back Button ED-IPC2000 Datasheet HTML 15Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 16Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 17Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 18Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 19Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 20Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 21Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 22Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 23Page - EDA Technology Co.,LTD  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
ED-IPC2000 Series Datasheet
EDA Technology Co.,LTD
17
Pin
Name
I/O
Pin Definition
Pin configuration function
23
PIN23
I/O
GPIO11
GPIO11
24
PIN24
I/O
GPIO8
GPIO8
25
GND
/
GND
/
26
PIN26
I/O
GPIO7
GPIO7
27
PIN27
I/O
GPIO0
GPIO0
28
PIN28
I/O
GPIO1
GPIO1
29
PIN29
I/O
GPIO5
GPIO5
30
GND
/
GND
/
31
PIN31
I/O
GPIO6
Buzzer_EN
32
PIN32
I/O
GPIO12
GPIO12
33
PIN33
I/O
GPIO13
GPIO13
34
GND
/
GND
/
35
PIN35
I/O
GPIO19
SPI_MISO
36
PIN36
I/O
GPIO16
TP_INT
37
PIN37
I/O
GPIO26
SD_D2
38
PIN38
I/O
GPIO20
GPIO20
39
GND
/
GND
/
40
PIN40
I/O
GPIO21
GPIO21
5 Wireless Communication
5.1 WiFi (optional)
Customers can choose IPC2000 series with WiFi version, which supports 2.4 GHz and 5.0 GHz IEEE
802.11b/G/N/AC dual-band WiFi.
2.4G band
Parameter
Feature
Frequency range
802.11b/g/n(HT20): 2412-2472MHz
802.11n(HT40): 2422-2462MHz
Modulation system
802.11b:DSSS
802.11g/n:OFDM
Frequency Step
5M
5G band
Parameter
Feature
Frequency range
802.11a/n/ac:
5150-5350MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com