Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFS04M Datasheet(PDF) 9 Page - STMicroelectronics

Part # DFS04M
Description  APPLICATION NOTE
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DFS04M Datasheet(HTML) 9 Page - STMicroelectronics

Back Button DFS04M Datasheet HTML 5Page - STMicroelectronics DFS04M Datasheet HTML 6Page - STMicroelectronics DFS04M Datasheet HTML 7Page - STMicroelectronics DFS04M Datasheet HTML 8Page - STMicroelectronics DFS04M Datasheet HTML 9Page - STMicroelectronics DFS04M Datasheet HTML 10Page - STMicroelectronics DFS04M Datasheet HTML 11Page - STMicroelectronics DFS04M Datasheet HTML 12Page - STMicroelectronics DFS04M Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
9/42
AN1262 APPLICATION NOTE
Once this information has been found, it is possible to evaluate the power dissipation of the IC and check for
thermal limitations. Table 8 summarizes the relationships that can be used for this evaluation. In those formulae:
- Tc is the crossover time of the voltage and current waveforms at MOSFET's turn off;
- Cdrain is the total capacitance of the drain, composed of the Coss of the MOSFET, the parasitic capacitance of
the primary winding and, in case, some external capacitance.
As previously said, the worst-case operating conditions for the IC usually occur at Vin = VDCmin, however it is
worthwhile checking the losses also at maximum input voltage, that is at Vin = VPKmax, especially if an external
capacitor is added on the drain.
With the worst-case total losses in the IC it is possible to find the maximum junction-to-ambient thermal resis-
tance allowed for safe operation at maximum ambient temperature.
The operating temperature range of the devices extends to 150 °C, however designing for such high tempera-
ture is not recommended. A reasonable target can be to design for 125 °C maximum die temperature:
(3)
Table 8. IC's power losses estimate
With the aid of the diagrams shown in fig. 20 it is possible to estimate whether the required thermal resistance
is feasible or not and, in the positive case, how large the on-board copper area is supposed to be. Consider that
copper areas larger than 4 cm
2 do not give significant reduction of thermal resistance and may cause PCB lay-
outing to become a serious issue.
If the thermal check does not give positive results, a different heatsinking strategy may be considered, otherwise
a higher maximum duty cycle DX should be used, if possible, to reduce the RMS current. Also a higher Vinmin
Symbol
Description
Definition
IsRMS
Total RMS Secondary Current
IsAC
RMS Secondary Current (AC component only)
Symbol
Description
Definition
Pcond
Conduction losses
Psw
Switching losses
PCAP
Capacitive losses
PQ
Quiescent losses
PQ = VCC · Iop
Assume:
RDS(on) max = 28 Ω (@ Tj = 125 °C)
Tc = 50ns
fsw = 65kHz
Cdrain = 100pF
Iop = 7mA
Is
RMS
Is
pk
D'
3
-----
=
Is
AC
Is
RMS
2
Is
DC
2
=
R
thm ax
125
T
am b
P
Q
P
c ond
P
sw
P
ca p
++
+
-----------------------------------------------------------------
=
P
cond
Ip
RMS
2
R
DS o n
()max
=
P
sw
1
3
---
V
in
V
R
+
() Ip
pk
T
c
⋅⋅
f
sw
P
CA P
1
2
---
C
dr ain
V
in
V
R
+
()
2
⋅⋅
f
sw
Table 7. (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com