Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFS04M Datasheet(PDF) 19 Page - STMicroelectronics

Part # DFS04M
Description  APPLICATION NOTE
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DFS04M Datasheet(HTML) 19 Page - STMicroelectronics

Back Button DFS04M Datasheet HTML 15Page - STMicroelectronics DFS04M Datasheet HTML 16Page - STMicroelectronics DFS04M Datasheet HTML 17Page - STMicroelectronics DFS04M Datasheet HTML 18Page - STMicroelectronics DFS04M Datasheet HTML 19Page - STMicroelectronics DFS04M Datasheet HTML 20Page - STMicroelectronics DFS04M Datasheet HTML 21Page - STMicroelectronics DFS04M Datasheet HTML 22Page - STMicroelectronics DFS04M Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
19/42
AN1262 APPLICATION NOTE
may be achieved by using paralleled capacitors.
ESR, besides being responsible for capacitor heating, is what basically determines the switching frequency volt-
age ripple superimposed on top of the DC value. This is true as long as the capacitive contribution to the ripple
is negligible, that is if:
(18)
The specification on the maximum allowed output ripple is then translated into a requirement on the maximum
ESR of the capacitor:
(19)
Anyway, once the specification on either the AC ripple current or the ESR is fulfilled, the resulting capacitance
value definitely meets condition (18).
If the requirement on ESR is very tight, there is an alternative to using a large number of output capacitors: it is
possible to tolerate a higher ripple on Cout (provided the AC ripple requirement is met) and add an LC post filter,
like the one shown in fig. 6, that attenuates the ripple to the desired level.
Figure 6. Output post filter for ripple reduction
The attenuation factor of such filter is approximately given by:
which is the same for complementary duty cycles and minimum for D=0.5. Thus, to get the desired attenuation
factor the following design equations can be applied:
It is convenient to choose an off-the-shelf choke and then select a capacitor with an ESR low enough to get the
desired attenuation level. For low output current (less than 1 A) ferrite beads may be used. At any rate, the DC
current rating of the choke should be oversized to minimize DC voltage drop. In fact, the feedback should be
connected upstream the post filter to avoid stability problems (see "Control loop compensation" section).
C
out
>
> 100
I
out
D
x
V
r%
V
out
f
sw
⋅⋅
--------------------------------------
ESRx
V
r%
100
----------
V
ou t
Is
pk
-----------
=
L
Cout
C'
ESR
ESR'
∆Vo
∆Vout
Post filter
Ka
V
out
pp
∆V
Op
p
-----------------------
D1
D
()
ESR'
f
sw
L
---------------
⋅⋅
=
Ka
ESR'
4f
sw
L
⋅⋅
-----------------------
for Dx > 0.5
=
Ka
Dx
1
Dx
()
ESR'
f
sw
L
---------------
for Dx < 0.5
⋅⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com