Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFS04M Datasheet(PDF) 24 Page - STMicroelectronics

Part # DFS04M
Description  APPLICATION NOTE
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DFS04M Datasheet(HTML) 24 Page - STMicroelectronics

Back Button DFS04M Datasheet HTML 20Page - STMicroelectronics DFS04M Datasheet HTML 21Page - STMicroelectronics DFS04M Datasheet HTML 22Page - STMicroelectronics DFS04M Datasheet HTML 23Page - STMicroelectronics DFS04M Datasheet HTML 24Page - STMicroelectronics DFS04M Datasheet HTML 25Page - STMicroelectronics DFS04M Datasheet HTML 26Page - STMicroelectronics DFS04M Datasheet HTML 27Page - STMicroelectronics DFS04M Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
AN1262 APPLICATION NOTE
24/42
The synthesis of G1(j
ω) can be done by following the following step-by-step procedure:
a) Calculate gain and phase of G2(j
ω) at the desired crossover frequency (fc). That is:
;
G2(j
ω) will be calculated at maximum input voltage and maximum load, where the gain-bandwidth product is
maximum.
b) Calculate gain and phase of G1(j
ω) at f = fc in order for the overall open-loop gain to cross the 0 dB axis at
f = fc with the phase margin Φm:
;
,
c) Cancel the pole of G2(j
ω) by placing the zero of G1(jω) in the neighborhood:
(
α = 1 to 5)
d) Place the pole of G1(j
ω) so as to get the desired phase margin:
,
e) Calculate the unity gain frequency G10:
The synthesis of G1(j
ω) is completed. The following step will concern the practical implementation of such func-
tion, that is the realization of a Type 2 amplifier. This will be done considering two cases, the secondary and the
primary sensing feedback.
16
SECONDARY FEEDBACK IMPLEMENTATION
This kind of feedback, shown in fig. 12, uses a popular arrangement with a TL431 as secondary reference/error
amplifier and an optocoupler to transfer the control signal to the primary side. The error amplifier of the IC is
then used as a current source whose characteristic is shown in fig. 12 as well: the voltage VCOMP is changed
(and the duty cycle is controlled) by modulating the current Ic sunk from the pin. A change of Ic causes a change
of VCOMP corresponding to a resistance RCOMP = 9 kΩ. The resulting transfer function is:
and table 16 shows how its quantities are defined
G2
c
G2 2
π f
c
⋅⋅
()
=
Φ2
c
180
π
----------
G2 2
π f
c
⋅⋅
()
[]
arg
=
G1
c
G1 2
π f
c
⋅⋅
()
1
G2
c
-----------
==
Φ1
c
180
π
----------
G1 2
π f
c
⋅⋅
()
[]
arg
180
Φ
m
Φ2
c
+
==
f
Z
ω
Z
2
π
-----------
α
ω
out
2
π
-----------
==
f
P
ω
P
2
π
-----------
=
f
C
π
180
----------
Φ1
c


tan
-------------------------------------------
G1
0
2
π G1
c
f
c
f
Z
f
P
-------------
⋅⋅
G1 j
ω
()
V
COMP
V
out
-----------------------
V
COMP
I
C
-----------------------
I
C
I
F
--------
I
F
V
K
-----------
V
K
V
out
---------------
⋅⋅
CTR
max
R
COMP
R
B
R
H
C
F
⋅⋅
-----------------------------------------------
1
j
ω
-----
1j
ω R
H
R
F
+
() C
F
⋅⋅
+
1j
ω R
CO MP
C
COMP
⋅⋅
+
----------------------------------------------------------------
⋅⋅
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com