Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFS04M Datasheet(PDF) 10 Page - STMicroelectronics

Part # DFS04M
Description  APPLICATION NOTE
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DFS04M Datasheet(HTML) 10 Page - STMicroelectronics

Back Button DFS04M Datasheet HTML 6Page - STMicroelectronics DFS04M Datasheet HTML 7Page - STMicroelectronics DFS04M Datasheet HTML 8Page - STMicroelectronics DFS04M Datasheet HTML 9Page - STMicroelectronics DFS04M Datasheet HTML 10Page - STMicroelectronics DFS04M Datasheet HTML 11Page - STMicroelectronics DFS04M Datasheet HTML 12Page - STMicroelectronics DFS04M Datasheet HTML 13Page - STMicroelectronics DFS04M Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
AN1262 APPLICATION NOTE
10/42
(that is a larger input capacitor) is of help. Some iterations, involving a recheck of the points mentioned in "Pre-
liminary Calculations - step 2", may be necessary.
If no solution can be found, either some specification should be relaxed or the power handled by the converter
should be derated.
9
FLYBACK TRANSFORMER DESIGN
To complete the set of data needed to design the flyback transformer, the primary inductance value (Lp) and the
primary-to-secondary turns ratio (n) are still to be defined.
The primary inductance will be chosen so that the converter is operated on the boundary between DCM and
CCM at Vin = Vinmin:
(4)
while the primary-to-secondary turns ratio is defined so as to get the desired reflected voltage VR:
(5)
With the complete set of specification, the transformer design can start with the selection of the magnetic core
material and geometry.
Table 9. Ferrite Materials selection
As to the magnetic material, a standard soft ferrite for power applications (gapped core-set with bobbin) is the
usual choice: the switching frequency is not so high thus special grades for high frequency operation are not
required. Table 9 shows some suitable materials.
The geometry will be usually a popular E or E-derived type. Other configurations, such as RM or PQ cores, are not
recommended because they are inherently high leakage geometries, since they result in narrower and thicker wind-
ings. Consider that minimizing leakage inductance is one of the major tasks in the design of a flyback transformer.
Among the various shapes and styles offered by manufacturers the most suitable one will be selected with technical
and economic considerations. Table 10 shows some possible choices with the relevant data useful for the design.
The next quantity to be defined is the peak flux density Bmax which the transformer will be operated at. Being
this a DCM design, Bmax will also equal the maximum flux density swing ∆Bmax.
Grade
Saturation flux density
[T]
Specific Power Losses @100 °C [W/cm3]
Manufacturer
B2
0.36
THOMSON
3C85
0.33
PHILIPS
N67
0.38
EPCOS (ex S+M)
PC30
0.39
TDK
F44
0.4
MMG
Lp
V
inm i n
V
DS on
)x
()
() D
X
[]
2
2f
sw
P
inT
⋅⋅
-------------------------------------------------------------------------
=
n
V
R
V
out
V
F
+
-------------------------
=
PFe
1.15 10
5
B
2.26
f
sw
1.11
⋅⋅
=
PFe
1.54 10
7
B
2.62
f
sw
1.54
⋅⋅
=
PFe
8.53 10
7
B
2.54
f
sw
1.36
⋅⋅
=
PFe
1.59 10
6
B
2.58
f
sw
1.32
⋅⋅
=
PFe
2.39 10
6
B
2.23
f
sw
1.26
⋅⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com