Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFS04M Datasheet(PDF) 34 Page - STMicroelectronics

Part # DFS04M
Description  APPLICATION NOTE
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DFS04M Datasheet(HTML) 34 Page - STMicroelectronics

Back Button DFS04M Datasheet HTML 30Page - STMicroelectronics DFS04M Datasheet HTML 31Page - STMicroelectronics DFS04M Datasheet HTML 32Page - STMicroelectronics DFS04M Datasheet HTML 33Page - STMicroelectronics DFS04M Datasheet HTML 34Page - STMicroelectronics DFS04M Datasheet HTML 35Page - STMicroelectronics DFS04M Datasheet HTML 36Page - STMicroelectronics DFS04M Datasheet HTML 37Page - STMicroelectronics DFS04M Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
AN1262 APPLICATION NOTE
34/42
Bridge rectifier selection.
An integrated bridge (DF06M, 4x1A/600V, GI) has been selected.
Input Bulk Capacitor.
From table 5, in order for the valley voltage on the input cap to be around 90 V, a minimum capacitance of about
27 µF should be used. A standard 22 µF/400V electrolytic capacitor will be chosen. After few iterations, the (1)
cycle converges at Vinmin = 84.9V, Tc = 2.11 ms. From eqn. 2, VDCmin = 103.2 V.
Table 23b) shows the results of a second step of calculations, aimed at checking that no limit of the device is
violated. The result is OK.
Operating conditions @ Vin = VDCmin and thermal check.
The results are listed in table 23c). With these data the power dissipated by the L6590 is calculated and the
result is shown in table 23d).
From eqn. 3, the maximum junction-to-ambient thermal resistance needed for reaching thermal balance at Tj =
125 °C is 51.2 °C/W. From the diagrams of fig. 21 it is possible to see that this can be obtained with about 1 cm
2
copper area on the PCB.
Figure 21. L6590 Family Packages Junction-to-Ambient Thermal Resistance
Pre-design Choices
VR
120 V
Reflected voltage
ηT
0,9
Transformer efficiency
Vspike
80 V
Leakage inductance overvoltage
VCC
12 V
L6590 supply voltage
VF
0.6 V
Secondary diode forward drop
VBF
3 V
Bridge Rectifier + EMI filter voltage drop
SO16W
Rthja vs. PCB copper area
Pdiss = 1.4 W
0.511.5
22.533.5
4
4.5
46
48
50
52
54
56
[cm^2]
[°C/W]
1 Oz 2 Oz
MINIDIP
Rthja vs. PCB copper area
Pdiss = 1.4 W
0.511.522.5
33.544.5
46
47
48
49
50
51
52
[cm^2]
[°C/W]
1 Oz 2 Oz
Table 22. (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com