Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFS04M Datasheet(PDF) 13 Page - STMicroelectronics

Part # DFS04M
Description  APPLICATION NOTE
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DFS04M Datasheet(HTML) 13 Page - STMicroelectronics

Back Button DFS04M Datasheet HTML 9Page - STMicroelectronics DFS04M Datasheet HTML 10Page - STMicroelectronics DFS04M Datasheet HTML 11Page - STMicroelectronics DFS04M Datasheet HTML 12Page - STMicroelectronics DFS04M Datasheet HTML 13Page - STMicroelectronics DFS04M Datasheet HTML 14Page - STMicroelectronics DFS04M Datasheet HTML 15Page - STMicroelectronics DFS04M Datasheet HTML 16Page - STMicroelectronics DFS04M Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
13/42
AN1262 APPLICATION NOTE
this best-fit equation refers to natural convection cooling.
6) Calculate the actual flux swing, the actual core losses and the allowed copper losses. The flux swing will be
given by:
(8)
and the corresponding core losses can be calculated with the formulae in table 9:
(9)
The allowed copper losses will obviously be:
PCu = Ptot - PFe [W]
(10)
7) Design windings. The goal is to find the right wire size so that copper losses are within the limit stated by
(10). At this moment, losses due to skin and proximity effect will not be accounted for. The construction tech-
nique of the transformer will be such that these effects will be minimized.
Copper losses will be equally apportioned to the primary and the secondary winding (the power handled by
the auxiliary one is negligible). Therefore the maximum primary and secondary winding resistance will be re-
spectively:
;
(11)
The primary and secondary conductor copper cross-section area will be obtained considering the resistivity
of copper at 100°C (
ρ100 = 2.303·10-6 Ω·cm) and the average length-per-turn (4) of the bobbin associated to
the selected core:
(12)
(13)
A wire table (like the sample one shown in table 11) will be looked up and a wire with a copper area (ApCu,
AsCu) equal or greater than the minimum above calculated will be selected. Anyway, to minimize skin effect,
the selected wire diameter should not exceed 2·
δ, where δ is the skin depth of copper (about 0.3 mm at 65
kHz and 100°C). In practice, the maximum wire size for minimum skin effect is AWG23 (
∅ 0.57 mm, ACu =
0.2573 mm2). If ApCu is larger, a number (Nwp, Nws) of such (or smaller) wires will be paralleled so as to
achieve the desired total area:
where the results will be rounded up to the next larger integer.
B
Lp lp
pk
Np A
e
---------------------- 10
4
T
[]
=
P
Fe
V
e
kB
p
f
sw
q
[W
]
⋅⋅
=
Rp
P
Cu
2Ip
RMS
2
------------------------
[
Ω]
=
Rs
P
Cu
2Is
RMS
2
------------------------
[
Ω]
=
Ap
Cumin
ρ
100
Np L
t
⋅⋅
Rp
---------------------------------
[cm
2 ]
=
As
Cu m in
ρ
100
Ns L
t
⋅⋅
Rs
---------------------------------
cm
2
[]
=
Nwp
Ap
Cumin
Ap
Cu
-----------------------
=
Nws
As
Cumin
As
Cu
----------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com