Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9992BBCZ Datasheet(PDF) 66 Page - Analog Devices

Part # AD9992BBCZ
Description  12-Bit CCD Signal Processor with Precision Timing Generator
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9992BBCZ Datasheet(HTML) 66 Page - Analog Devices

Back Button AD9992BBCZ Datasheet HTML 62Page - Analog Devices AD9992BBCZ Datasheet HTML 63Page - Analog Devices AD9992BBCZ Datasheet HTML 64Page - Analog Devices AD9992BBCZ Datasheet HTML 65Page - Analog Devices AD9992BBCZ Datasheet HTML 66Page - Analog Devices AD9992BBCZ Datasheet HTML 67Page - Analog Devices AD9992BBCZ Datasheet HTML 68Page - Analog Devices AD9992BBCZ Datasheet HTML 69Page - Analog Devices AD9992BBCZ Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 92 page
background image
AD9992
Rev. C | Page 66 of 92
VD
HD
CLI
CLO
XX
XX XX
X
X
XX
X
XXX
X
XX
X
XX X
tCLIDLY
35.5 CYCLES
XX
X
0
X X X
X
XX
X
XX
XX
X
X
12
H-COUNTER
RESET
SHPLOC
INTERNAL
HD
INTERNAL
H-COUNTER
(PIXEL COUNTER)
tVDHD
SHDLOC
INTERNAL
tHDCLI
tHDCLO
NOTES:
1. EXTERNAL HD FALLING EDGE IS LATCHED BY CLI RISING EDGE, THEN LATCHED AGAIN BY SHPLOC (INTERNAL SAMPLING EDGE).
2. INTERNAL H-COUNTER IS ALWAYS RESET 35.5 CLOCK CYCLES AFTER THE INTERNAL HD FALLING EDGE, AT SHDLOC (INTERNAL SAMPLING EDGE).
3. DEPENDING ON THE VALUE OF SHPLOC, H-COUNTER RESET CAN OCCUR 36 OR 37 CLI CLOCK EDGES AFTER THE EXTERNAL HD FALLING EDGE.
4. SHPLOC = 32, SHDLOC = 0 IS SHOWN IN ABOVE EXAMPLE. IN THIS CASE, THE H-COUNTER RESET OCCURS 36 CLI RISING EDGES AFTER HD FALLING EDGE.
5. HD FALLING EDGE SHOULD OCCUR COINCIDENT WITH VD FALLING EDGE (WITHIN SAME CLI CYCLE) OR AFTER VD FALLING EDGE. HD FALLING
EDGE SHOULD NOT OCCUR WITHIN 1 CYCLE IMMEDIATELY BEFORE VD FALLING EDGE.
Figure 76. External VD/HD and Internal H-Counter Synchronization, Slave Mode
1HBLKTOG1
60
(60 – 36) = 24
2HBLKTOG2
100
(100 – 36) = 64
3CLPOB_TOG1
103
(103 – 36) = 67
4CLPOB_TOG2
112
(112 – 36) = 76
MASTER MODE
SLAVE MODE
H1
CLPOB
PIXEL NO.
HD
112
103
100
60
0
12
3
4
Figure 77. Example of Slave Mode Register Setting to Obtain Desired Toggle Positions
Vertical Toggle Position Placement Near Counter Reset
An additional consideration during the reset of the internal
counters is the vertical toggle position placement. Before
the internal counters are reset, there is a region of 36 pixels
during which no toggle positions should be programmed.
As shown in Figure 78 for master mode, the last 36 pixels before
the HD falling edge must not be used for toggle position placement
of the V, VSG, SUBCK, HBLK, PBLK, or CLPOB pulses.
Figure 79 shows the same example for slave mode. The same
restriction applies: the last 36 pixels before the counters are
reset cannot be used. However, in slave mode, the counter reset
is delayed with respect to VD/HD placement, so the inhibited
area is different than it is in master mode.
It is recommended that Pixel Location 0 not be used for any of
the toggle positions for the VSG and SUBCK pulses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com