Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9992BBCZ Datasheet(PDF) 88 Page - Analog Devices

Part # AD9992BBCZ
Description  12-Bit CCD Signal Processor with Precision Timing Generator
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9992BBCZ Datasheet(HTML) 88 Page - Analog Devices

Back Button AD9992BBCZ Datasheet HTML 84Page - Analog Devices AD9992BBCZ Datasheet HTML 85Page - Analog Devices AD9992BBCZ Datasheet HTML 86Page - Analog Devices AD9992BBCZ Datasheet HTML 87Page - Analog Devices AD9992BBCZ Datasheet HTML 88Page - Analog Devices AD9992BBCZ Datasheet HTML 89Page - Analog Devices AD9992BBCZ Datasheet HTML 90Page - Analog Devices AD9992BBCZ Datasheet HTML 91Page - Analog Devices AD9992BBCZ Datasheet HTML 92Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 88 / 92 page
background image
AD9992
Rev. C | Page 88 of 92
Table 41. V-Sequence (VSEQ) Registers
Address
Data
Bits
Default
Value
Update
Type
Mnemonic
Description
0x00
[0]
X
SCP
CLPOBPOL
CLPOB start polarity.
[1]
X
PBLKPOL
PBLK start polarity.
[5:2]
X
HOLD
1: Enable HOLD function for each VPAT group (A, B, C, D).
[9:6]
X
VMASK_EN
1: Enable FREEZE/RESUME for each VPAT group (A, B, C, D).
[13:10]
X
CONCAT_GRP
Combine multiple VPAT groups together in one sequence. Set register equal
to 0x01 to enable.
[15:14]
X
VREP_MODE
Defines V-alternation repetition mode.
00: Single pattern alternation for all groups.
01: Two pattern alternation for all groups.
10: Three-pattern alternation for Group A. Groups B, C, and D
follow pattern {0, 1, 1, 0, 1, 1…}.
11: Four-pattern alternation for Group A. Two-pattern alternation
for Groups B, C, and D.
[19:16]
X
LASTREPLEN_EN
Enable use of last repetition counter for last repetition length of each group.
[23:20]
X
LASTTOG_EN
Enable the fifth toggle position for all V-signals in each group.
[25:24]
X
HBLK_MODE
Selection of HBLK modes:
00: HBLK Mode 0 (normal six-toggle operation).
01: HBLK Mode 1.
10: HBLK Mode 2. (Address 0x19 to Address 0x1E operate differently.)
11: Test only, do not access.
0x01
[12:0]
X
SCP
HDLENE
HD line length for even lines.
[25:13]
X
HDLENO
HD line length for odd lines.
0x02
[23:0]
X
SCP
VSGPATSEL
Selects which two toggle positions are used by each V-output when they
are configured as VSG pulses (Miscellaneous Register Address 0x1C, fixed
register area):
0: Use Toggle 1, Toggle 2.
1: Use Toggle 3, Toggle 4.
[24]
HDLENE_13
HD length Bit 13 for even lines when 14-bit H-counter is enabled.
[25]
HDLENO_13
HD length Bit 13 for odd lines when 14-bit H-counter is enabled.
0x03
[23:0]
X
SCP
VPOL_A
Starting polarities for each V-output signal (Group A).
0x04
[23:0]
X
SCP
VPOL_B
Starting polarities for each V-output signal (Group B).
0x05
[23:0]
X
SCP
VPOL_C
Starting polarities for each V-output signal (Group C).
0x06
[23:0]
X
SCP
VPOL_D
Starting polarities for each V-output signal (Group D).
0x07
[23:0]
X
SCP
GROUPSEL_0
Select which group each XV1 to XV12 signal is assigned to:
00: Group A.
01: Group B.
10: Group C.
11: Group D.
[1:0]: XV1.
[3:2]: XV2.
…
[23:22]: XV12.
0x08
[23:0]
X
SCP
GROUPSEL_1
Select which group each XV13 to XV24 signal is assigned to:
00: Group A.
01: Group B.
10: Group C.
11: Group D.
[1:0]: XV13.
[3:2]: XV14.
…
[23:22]: XV24.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com