Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9992BBCZ Datasheet(PDF) 69 Page - Analog Devices

Part # AD9992BBCZ
Description  12-Bit CCD Signal Processor with Precision Timing Generator
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9992BBCZ Datasheet(HTML) 69 Page - Analog Devices

Back Button AD9992BBCZ Datasheet HTML 65Page - Analog Devices AD9992BBCZ Datasheet HTML 66Page - Analog Devices AD9992BBCZ Datasheet HTML 67Page - Analog Devices AD9992BBCZ Datasheet HTML 68Page - Analog Devices AD9992BBCZ Datasheet HTML 69Page - Analog Devices AD9992BBCZ Datasheet HTML 70Page - Analog Devices AD9992BBCZ Datasheet HTML 71Page - Analog Devices AD9992BBCZ Datasheet HTML 72Page - Analog Devices AD9992BBCZ Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 92 page
background image
AD9992
Rev. C | Page 69 of 92
CIRCUIT LAYOUT INFORMATION
The PCB layout is critical in achieving good image quality from
the AD9992. All of the supply pins, particularly the AVDD,
TCVDD, RGVDD, and HVDD supplies, must be decoupled to
ground with good quality high frequency chip capacitors. The
decoupling capacitors should be located as close as possible to
the supply pins and should have a very low impedance path to
a continuous ground plane. If possible, there should be a 4.7 μF
or larger value bypass capacitor for each main supply—AVDD,
HVDD, and DRVDD—although this is not necessary for each
individual pin. In most applications, the supply for RGVDD and
HVDD is shared, which can be done as long as the individual
supply pins are separately bypassed with 0.1 μF capacitors. A
separate 3 V supply can also be used for DRVDD, but this
supply pin should still be decoupled to the same ground plane
as the rest of the chip. A separate ground for DRVSS is not
recommended.
The analog bypass pins (REFT and REFB) should be carefully
decoupled to ground as close as possible to their respective pins.
The analog input (CCDIN) capacitor should be located close to
the CCDIN pin.
The H1 to H8, HL, and RG traces should be designed to have
low inductance to minimize distortion of the signals. The com-
plementary signals, H1/H3/H5/H7 and H2/H4/H6/H8, should
be routed as close together and as symmetrically as possible to
minimize mutual inductance. Heavier PCB traces are recom-
mended because of the large transient current demand on H1 to
H8 by the CCD. If possible, physically locating the AD9992
closer to the CCD reduces the inductance on these lines. As
usual, the routing path should be as direct as possible from the
AD9992 to the CCD.
It is recommended that all H1 to H8 outputs on the AD9992 be
used together for maximum flexibility in drive strength settings.
A typical CCD with H1 and H2 inputs only should have the
AD9992 H1, H3, H5, and H7 outputs connected together to drive
the CCD’s H1, and H2, H4, H6, and H8 outputs connected
together to drive the CCD’s H2. Similarly, a CCD with H1, H2,
H3, and H4 inputs should have the following:
•
H1 and H3 connected to the CCD’s H1.
•
H2 and H4 connected to the CCD’s H2.
•
H5 and H7 connected to the CCD’s H3.
•
H6 and H8 connected to the CCD’s H4.
TYPICAL 3 V SYSTEM
The AD9992 typical circuit connections for a 3 V system are
shown in Figure 80. This application uses an external 3.3 V
supply, which is connected to the AD9992 LDO input. The LDO is
configured to output 1.8 V for the AD9992 core supply by
connecting the LDO1P8EN pin to 3.3 V and the LDO3P2EN
pin to ground. The LDOOUT and SENSE pins are shorted
together and used to supply 1.8 V to the AVDD, TCVDD, and
DVDD pins.
TYPICAL 1.8 V SYSTEM
The internal LDO can be disabled by tying the LDO pins to
ground (LDOIN, LDO1P8EN, LDO3P2EN, LDOOUT, and
SENSE). In this case, an external 1.8 V regulator is required to
supply 1.8 V to the AVDD, TCVDD, and DVDD pins.
All of the AD9992 remaining supplies can be directly supplied
with 1.8 V. The internal charge pump (CP) can be used to
generate 3.3 V for the H and RG supplies.
The AD9992 typical circuit connections for a 1.8 V system are
shown in Figure 81.
EXTERNAL CRYSTAL APPLICATION
The AD9992 contains an on-chip oscillator for driving an
external crystal. Figure 82 shows an example application using
a typical 27 MHz crystal. For the exact values of the external
resistors and capacitors, it is best to consult the crystal
manufacturer’s data sheet.
Note that a 2× crystal is not recommended for use with the CLO
oscillator circuit. The crystal frequency should not exceed
40 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com