Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9992BBCZ Datasheet(PDF) 78 Page - Analog Devices

Part # AD9992BBCZ
Description  12-Bit CCD Signal Processor with Precision Timing Generator
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9992BBCZ Datasheet(HTML) 78 Page - Analog Devices

Back Button AD9992BBCZ Datasheet HTML 74Page - Analog Devices AD9992BBCZ Datasheet HTML 75Page - Analog Devices AD9992BBCZ Datasheet HTML 76Page - Analog Devices AD9992BBCZ Datasheet HTML 77Page - Analog Devices AD9992BBCZ Datasheet HTML 78Page - Analog Devices AD9992BBCZ Datasheet HTML 79Page - Analog Devices AD9992BBCZ Datasheet HTML 80Page - Analog Devices AD9992BBCZ Datasheet HTML 81Page - Analog Devices AD9992BBCZ Datasheet HTML 82Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 92 page
background image
AD9992
Rev. C | Page 78 of 92
Table 33. Memory Configuration and MODE Registers
Address
Data Bits
Default Value
Update Type
Mnemonic
Description
0x28
[4:0]
0
SCK
VPATNUM
Total number of V-pattern groups.
[9:5]
0
SEQNUM
Total number of V-sequences.
0x2A
[2:0]
0
SCK
MODE
Total number of fields in MODE.
0x2B
[4:0]
0
SCK
FIELD0
Selected first field in MODE.
[9:5]
0
FIELD1
Selected second field in MODE.
[14:10]
0
FIELD2
Selected third field in MODE.
[19:15]
0
FIELD3
Selected fourth field in MODE.
[24:20]
0
FIELD4
Selected fifth field in MODE.
0x2C
[4:0]
0
SCK
FIELD5
Selected sixth field in MODE.
[9:5]
0
FIELD6
Selected seventh field in MODE.
Table 34. Timing Core Registers
Address
Data Bits
Default
Value
Update
Type
Mnemonic
Description
0x30
[5:0]
0
SCK
H1POSLOC
H1 rising edge location.
[13:8]
20
H1NEGLOC
H1 falling edge location.
[16]
1
H1POL
H1 polarity control:
0: Inverse of Figure 19.
1: No inversion.
0x31
[5:0]
0
SCK
H2POSLOC
H2 rising edge location (H5 in HCLK Mode 3).
[13:8]
20
H2NEGLOC
H2 falling edge location (H5 in HCLK Mode 3).
[16]
1
H2POL
H2 polarity (H5 in HCLK Mode 3):
0: Inverse of Figure 19.
1: No inversion.
0x32
[5:0]
0
SCK
HLPOSLOC
HL rising edge location.
[13:8]
20
HLNEGLOC
HL falling edge location.
[16]
1
HLPOL
HL polarity control:
0: Inverse of Figure 19.
1: No inversion.
0x33
[5:0]
0
SCK
RGPOSLOC
RG rising edge location.
[13:8]
10
RGNEGLOC
RG falling edge location.
[16]
1
RGH2POL
RG polarity control:
0: Inverse of Figure 19.
1: No inversion.
0x34
[0]
0
SCK
H1HBLKRETIME
Retime H1, H2, HL HBLK to the internal clock:
0: No retime.
1: Retime.
[1]
0
H2HBLKRETIME
Recommended setting is retime enabled (1). Setting to 1
adds one cycle delay to programmed HBLK positions.
[2]
0
HLHBLKRETIME
[3]
0
HL_HBLK_EN
Enable HBLK for HL output:
0: Disable.
1: Enable.
[7:4]
4
HCLK_WIDTH
Enables wide H-clocks during HBLK interval. Set to 0 to
disable.
0x35
[2:0]
1
SCK
H1DRV
H1 drive strength:
0: Off.
1: 4.3 mA.
2: 8.6 mA.
3: 12.9 mA.
4: 4.3 mA.
5: 8.6 mA.
6: 12.9 mA.
7: 17.2 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com