Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9992BBCZ Datasheet(PDF) 76 Page - Analog Devices

Part # AD9992BBCZ
Description  12-Bit CCD Signal Processor with Precision Timing Generator
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9992BBCZ Datasheet(HTML) 76 Page - Analog Devices

Back Button AD9992BBCZ Datasheet HTML 72Page - Analog Devices AD9992BBCZ Datasheet HTML 73Page - Analog Devices AD9992BBCZ Datasheet HTML 74Page - Analog Devices AD9992BBCZ Datasheet HTML 75Page - Analog Devices AD9992BBCZ Datasheet HTML 76Page - Analog Devices AD9992BBCZ Datasheet HTML 77Page - Analog Devices AD9992BBCZ Datasheet HTML 78Page - Analog Devices AD9992BBCZ Datasheet HTML 79Page - Analog Devices AD9992BBCZ Datasheet HTML 80Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 92 page
background image
AD9992
Rev. C | Page 76 of 92
Address
Data
Bits
Default
Value
Update
Type
Mnemonic
Description
[2]
0
SYNCSUSPEND
Suspend clocks during SYNC active pulse:
0: Do not suspend.
1: Suspend.
[3]
0
ENH_SYNC_EN
1: Enable enhanced sync/shutter operations.
[4]
0
SYNC_MASK_HD
1: Mask HD during SYNCSUSPEND.
[5]
1
SYNC_MASK_VD
1: Mask VD during SYNCSUSPEND.
[6]
1
SYNC_MASK_V
1: Mask XV outputs during SYNCSUSPEND.
[7]
0
SHADOW_EN
1: Enable use of shadow registers.
[12:8]
0
TEST
Test mode only. Must be set to 0.
[13]
0
UPDATE_SHADOW
1: Writes to shadow bits affect shadow registers, not
primary.
[14]
0
SWSYNC
1: Initiate software SYNC event (self-clears to 0 after SYNC).
0x14
[0]
0
SCK
TGCORE_RSTB
Timing core reset bar. 0: reset TG core;
1: resume operation.
0x15
[0]
0
SCK
OSC_RSTB
CLO oscillator reset bar:
0: Oscillator in power-down state.
1: Resume oscillator operation.
0x16
[27:0]
0
SCK
TEST
Test mode only. Must be set to 0.
0x17
[12:0]
0
SCK
UPDATE
Serial update line.
Sets the line (HD) within the field to update the VD-updated
registers.
[13]
0
PREVENTUP
Prevents the update of the VD-updated registers:
0: Normal update.
1: Prevent update of VD-updated registers.
[14]
0
SYNC_RST_SHUTEN
1: Enable reset of the shutter control after SYNC operation
occurs.
[15]
0
REG_RST_SHUT
1: Forces shutter control to reset.
[16]
0
GPO_RST_SYNC
1: Reset shutter and GPO control at SYNC operation.
[17]
0
GPO_LINE_COUNT_OFFSET
0: First line in a field is considered Line 1 for GPOs.
1: First line in a field is considered Line 0 for GPOs.
0x18
[27:0]
0
SCK
TEST
Test mode only. Must be set to 0.
0x19
[27:0]
0
SCK
TEST
Test mode only. Must be set to 0.
0x1A
[27:0]
0
SCK
TEST
Test mode only. Must be set to 0.
0x1B
[27:0]
A
SCK
TEST
Test mode only. Must be set to 0xA.
0x1C
[23:0]
FF0000
SCK
VSGSELECT
Each bit selects XV pulses for use as VSG pulses.
0x1D
[23:0]
0
SCK
VSGMASK_CTL
VSG masking. Overrides settings in field registers when
enabled.
[24]
0
VSGMASK_CTL_EN
0: Disable VSGMAK_CTL bits. VSG masking is controlled by
field registers.
1: Enable VSGMASK_CTL bits to control VSG masking.
0x1F
[0]
1
SCK
HCNT14_EN
1: Enable 14-bit H-counter.
[1]
1
PBLK_MASK_EN
1: Disable clamp operation if PBLK is active at the same time
as CLPOB.
Table 31. VD/HD Registers
Address
Data
Bits
Default
Value
Update
Type
Mnemonic
Description
0x20
[0]
0
SCK
MASTER
VD/HD master or slave mode:
0: Slave mode.
1: Master mode.
0x21
[0]
0
VD
VDHDPOL
VD/HD active polarity:
0: Low.
1: High.
0x22
[12:0]
0
VD
HDRISE
Rising edge location for HD. Minimum value is 36 pixels.
[25:13]
0
VDRISE
Rising edge location for VD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com