Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9992BBCZ Datasheet(PDF) 79 Page - Analog Devices

Part # AD9992BBCZ
Description  12-Bit CCD Signal Processor with Precision Timing Generator
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9992BBCZ Datasheet(HTML) 79 Page - Analog Devices

Back Button AD9992BBCZ Datasheet HTML 75Page - Analog Devices AD9992BBCZ Datasheet HTML 76Page - Analog Devices AD9992BBCZ Datasheet HTML 77Page - Analog Devices AD9992BBCZ Datasheet HTML 78Page - Analog Devices AD9992BBCZ Datasheet HTML 79Page - Analog Devices AD9992BBCZ Datasheet HTML 80Page - Analog Devices AD9992BBCZ Datasheet HTML 81Page - Analog Devices AD9992BBCZ Datasheet HTML 82Page - Analog Devices AD9992BBCZ Datasheet HTML 83Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 92 page
background image
AD9992
Rev. C | Page 79 of 92
Address
Data Bits
Default
Value
Update
Type
Mnemonic
Description
[6:4]
1
H2DRV
H2 drive strength (same range as H1DRV).
[10:8]
1
H3DRV
H3 drive strength (same range as H1DRV).
[14:12]
1
H4DRV
H4 drive strength (same range as H1DRV).
[18:16]
1
HLDRV
HL drive strength (same range as H1DRV).
[22:20]
1
RGDRV
RG drive strength (same range as H1DRV).
0x36
[2:0]
1
SCK
H5DRV
H5 drive strength (same range as H1DRV).
[6:4]
1
H6DRV
H6 drive strength (same range as H1DRV).
[10:8]
1
H7DRV
H7 drive strength (same range as H1DRV).
[14:12]
1
H8DRV
H8 drive strength (same range as H1DRV).
0x37
[5:0]
0
SCK
SHDLOC
SHD sampling edge location.
[11:6]
20
SHPLOC
SHP sampling edge location.
[17:12]
10
SHPWIDTH
SHP width (controls input dc restore switch active time).
0x38
[5:0]
0
SCK
DOUTPHASEP
DOUT phase control, positive edge. Specifies location of
DOUT.
[11:6]
20
DOUTPHASEN
DOUT phase control, negative edge. Always set to
DOUTPHASEP plus 32 edges to maintain 50% duty cycle of
internal DOUTPHASE clocking.
[12]
0
DCLKMODE
DCLK mode. 0: DCLK tracks DOUT; 1: DCLK phase is fixed.
[14:13]
0
DOUTDELAY
Data output delay (tOD) with respect to DCLK rising edge:
0: No delay.
1: ~3 ns.
2: ~6 ns.
3: ~9 ns.
[15]
0
DCLKINV
Invert DCLK output:
0: No inversion.
1: Inversion of DCLK.
0x39
[2:0]
7
SCK
CPHMASK
Enable H-masking during CP operation.
Table 35. Test Registers—Do Not Access
Address
Data Bits
Default
Value
Update
Type
Mnemonic
Description
0x3E to 0x4F
Test registers only. Do not access.
Table 36. Test Registers—Do Not Access
Address
Data Bits
Default
Value
Update
Type
Mnemonic
Description
0x50 to 0x6F
Test registers only. Do not access.
Table 37. Shutter and GPO Registers
Address
Data Bits
Default
Value
Update
Type
Mnemonic
Description
0x70
[2:0]
0
VD
PRIMARY_ACTION
Selects action for primary and secondary counters.
[5:3]
0
SECOND_ACTION
0: Idle (do nothing) autoreset on VD.
1: Activate counter (primary: auto exposure/readout).
2: RapidShot, wrap/repeat counter.
3: ShotTimer, delay start of count.
4: ShotTimer with RapidShot.
5: SLR exposure (manual).
6: SLR read (manual).
7: Force to idle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com