Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5519ACPZ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL5519ACPZ-R2
Description  1 MHz to 10 GHz, 50 dB Dual Log Detector/Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5519ACPZ-R2 Datasheet(HTML) 5 Page - Analog Devices

  ADL5519ACPZ-R2 Datasheet HTML 1Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Preliminary Technical Data
ADL5519
Rev. PrB | Page 5 of 27
Parameter
Conditions
Min
Typ
Max
Unit
OUT[A, B] Maximum Input Level
±1 dB error
−5
dBm
OUT[A, B] Minimum Input Level
±1 dB error
−55
dBm
OUT[A, B, P, N] Slope
−22
mV/dB
OUT[A, B] Intercept
14
dBm
Output Voltage - High Power In
Pins OUT[A, B] @ PINH[A, B] = −10 dBm
0.53
V
Output Voltage - Low Power In
Pins OUT[A, B] @ PINH[A, B] = −40 dBm
1.20
V
Temperature Sensitivity
Deviation from OUT[A, B] @ 25°C
25°C < TA < 85°C; PINH[A, B] = −10 to -15 dBm
±.25
TBD
dB
-20°C < TA <25°C; PINH[A, B] = −10 to -15 dBm
±.25
TBD
dB
25°C < TA < 85°C; PINH[A, B] = −10 to -40 dBm
±.25
TBD
dB
-20°C < TA <25°C; PINH[A, B] = −10 to -40 dBm
±.5
TBD
dB
OUTP-OUTN Dynamic Gain Range
±1 dB error
TBD
dB
−40°C < TA < 85°C
TBD
dB
Temperature Sensitivity
OUTP-OUTN Dynamic Gain Range
TBD
25°C < TA < 85°C; PINH[A, B] = −10 to -15 dBm
±.25
TBD
dB
-20°C < TA <25°C; PINH[A, B] = −10 to -15 dBm
±.25
TBD
dB
25°C < TA < 85°C; PINH[A, B] = −10 to -40 dBm
±.25
TBD
dB
-20°C < TA <25°C; PINH[A, B] = −10 to -40 dBm
±.5
TBD
dB
Input A to Input B Isolation
TBD
dB
Input A to OUTB Isolation
Freq separation = 1 kHz
TBD
Input B to OUTA Isolation1
PINHB = −50 dBm, OUTB = OUTBPINHB ± 1 dB
TBD
dB
PINHA = −50 dBm, OUTA = OUTAPINHA ± 1 dB
TBD
dB
f = 3.6 GHz
ADJA = ADJB = TBD to GND
Input Impedance
TBD
Ω||pF
OUT[A, B]
±1 dB Dynamic Range
TA = +25
°C
42
dB
−40
°C < T
A
< +85
°C
40
dB
−40
°C < T
A
< +125
°C
TBD
OUT[A, B] Maximum Input Level
±1 dB error
−6
dBm
OUT[A, B] Minimum Input Level
±1 dB error
−48
dBm
OUT[A, B, P, N] Slope
−22
mV/dB
OUT[A, B] Intercept
11
dBm
Output Voltage - High Power In
Pins OUT[A, B] @ PINH[A, B] = −10 dBm
0.47
V
Output Voltage - Low Power In
Pins OUT[A, B] @ PINH[A, B] = −40 dBm
1.16
V
Temperature Sensitivity
Deviation from OUT[A, B] @ 25°C
−40°C < TA < 85°C; PINH[A, B] = −10 dBm
TBD
dB
−40°C < TA < 85°C; PINH[A, B] = −25 dBm
TBD
dB
−40°C < TA < 85°C; PINH[A, B] = −40 dBm
TBD
dB
OUTP-OUTN Dynamic Gain Range
±1 dB error
TBD
dB
−40°C < TA < 85°C
TBD
dB
Temperature Sensitivity
OUTP-OUTN Dynamic Gain Range
TBD
−40°C < TA < 85°C; PINH[A, B] = −10 dBm, −25 dBm
TBD
dB
−40°C < TA < 85°C; PINH[A, B] = −25 dBm, −25 dBm
TBD
dB
−40°C < TA < 85°C; PINH[A, B] = −40 dBm, −25 dBm
TBD
dB
Input A to Input B Isolation
TBD
dB
Input A to OUTB Isolation
Freq separation = 1 kHz
TBD
Input B to OUTA Isolation2
PINHB = −50 dBm, OUTB = OUTBPINHB ± 1 dB
TBD
dB
PINHA = −50 dBm, OUTA = OUTAPINHA ± 1 dB
TBD
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com