Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5519ACPZ-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # ADL5519ACPZ-R2
Description  1 MHz to 10 GHz, 50 dB Dual Log Detector/Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5519ACPZ-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADL5519ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
Preliminary Technical Data
ADL5519
Rev. PrB | Page 15 of 27
POWER-DOWN INTERFACE
The operating and stand-by currents for the ADL5519 at
25°C are approximately 65 mA and 1 mA, respectively. The
PWDN and ADJ[A,B] pins are connected to the base of
and NPN transistor to force a power down condition.
Typically, when PWDN is pulled >2.5 V, the ADL5519 is
powered down from 65mA to <1mA. The output reaches
to within 0.1 dB of its steady-state value in about 1.6 μs; the
reference voltage is available to full accuracy in a much
shorter time. This wake-up response time varies depending
on the input coupling network and the capacitance at pins
CLP[A, B].
The individual log channels can be disabled by installing a
0Ω pull up resistor from ADJ[A,B] to VPS[A,B].
SETPOINT INTERFACE, VST[A, B]
The VSET input drives the high impedance (20 kΩ) input of
an internal op amp. The VSET voltage appears across the
internal 1.5 kΩ resistor to generate ISET. When a portion of
VOUT is applied to VSET, the feedback loop forces
−ID × log10(VIN/VINTERCEPT) = ISET.
If VSET = VOUT/2x, then ISET = VOUT/(2x × 1.5 kΩ).
The result is
VOUT = (−ID × 1.5 kΩ × 2x) × log10(VIN/VINTERCEPT)
1.5k
Ω
ISET
COMM
VSET
VSET
COMM
20k
Ω
20k
Ω
Figure 14. VST[A, B] Interface Simplified Schematic
The slope is given by –ID × 2x × 1.5 kΩ = −22 mV/dB × x. For
example, if a resistor divider to ground is used to generate a
VSET voltage of VOUT/2, then x = 2. The slope is set to −880
V/decade or −44 mV/dB.
OUTPUT INTERFACE, OUT[A, B]
The OUT[A,B] pin is driven by a PNP output stage. An
internal 10 Ω resistor is placed in series with the output and
the OUT[A,B] pin. The rise time of the output is limited
mainly by the slew on CLP[A,B]. The fall time is an RC-
limited slew given by the load capacitance and the pull-
down resistance at OUT[A,B]. There is an internal pull-
down resistor of 1.6 kΩ. A resistive load at OUT[A,B] is
placed in parallel with the internal pull-down resistor to
provide additional discharge current.
OUT[A, B]
VPS[A, B]
CLP[A,B]
1.2k
Ω
400
Ω
COMR
Figure 15. OUT[A, B] Interface Simplified Schematic
OUT[A, B] can source and sink up to 2.2 mA.
DIFFERENCE OUTPUT, OUT[P, N]
The ADL5519 incorporates two operational amplifiers with
rail-to-rail output capability to provide a channel difference
output.
OUTP
VPSR
VLVL
FBKA
COMR
OUTA
OUTB
OUTN
VPSR
VLVL
FBKB
COMR
OUTB
OUTA
1k
Ω
1k
Ω
1k
Ω
1k
Ω
1k
Ω
1k
Ω
1k
Ω
1k
Ω
Figure 16. OUT[P, N] Interface Simplified Schematic
As in the case of the output drivers for OUT[A, B], the output
stages have the capability of driving 2.2 mA. OUTA and OUTB
are internally connected through 1 kΩ resistors to the inputs of
each op amp. The pin VLVL is connected to the positive terminal
of both op amps through 1 kΩ resistors to provide level shifting.
The negative feedback terminal is also made available through a
1 kΩ resistor. The input impedance of VLVL is 1 kΩ and
FBK[A, B] is 2 kΩ. See Figure 17 for the connections of these
pins.
FBK
OUT
OUT
FBK
B
N
P
A
OUTB
OUTA
27
28
29
30
Figure 17. Op Amp Connections (All Resistors are 1 kΩ ± 20%)
If OUTP is connected to FBKA, then OUTP is given as
OUTP = OUTA – OUTB + VLVL
(9)
If OUTN is connected to FBKB, then OUTN is given as
OUTN = OUTB – OUTA + VLVL
(10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com