Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5519ACPZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL5519ACPZ-R2
Description  1 MHz to 10 GHz, 50 dB Dual Log Detector/Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5519ACPZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL5519ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
ADL5519
Preliminary Technical Data
Rev. PrB | Page 10 of 27
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VSTA
CLPA
TEMP
VPSR
ADJA
VPSA
VSTB
CLPB
VLVL
VREF
ADJB
VPSB
ADL5519
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
NC = NO CONNECT
1
COMR
2
COMR
3
4
5
6
7
8
24
23
22
21
20
19
18
17
COMR
COMR
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
PIN
Name
Description
1
COMR
Common for difference output and Temp Sensor
2
COMR
Common for difference output and Temp Sensor
3
VPSB
Positive Supply for Channel B. Must be the same as VPS[A/R]. Apply 3.0V to 5.5V supply voltage.
4
ADJB
Dual function pin. Channel B Temperature adjust. Connect a resistor to ground to vary temperature
compensation. Connect to VPS[A/B/R] to power down Channel B.
5
VREF
1.15V voltage reference
6
VLVL
DC common mode adjust for difference output
7
CLPB
Loop filter pin for Channel B
8
VSTB
Setpoint Control input for Channel B
9
NC
No Connect
10
OUTB
Output voltage for Channel B
11
FBKB
Difference op-amp feedback pin
12
OUTN
Difference output (OUTB - OUTA + VLVL)
13
OUTP
Difference output (OUTA - OUTB + VLVL)
14
FBKA
Difference op-amp feedback pin
15
OUTA
Output voltage for Channel A
16
NC
No Connect
17
VSTA
Setpoint Control input for Channel A
18
CLPA
Loop filter pin for Channel A
19
TEMP
Temp Sensor output (1.3V with 4.5mV/oC slope)
20
VPSR
Positive Supply for difference output and temperature sensor. Must be the same as VPS[A/B]. Apply
3.0V to 5.5V supply voltage.
21
ADJA
Dual function pin. Channel A Temperature adjust. Connect a resistor to ground to vary temperature
compensation. Connect to VPS[A/B/R] to power down Channel A.
22
VPSA
Positive Supply for Channel A. Must be the same as VPS[B/R]. Apply 3.0V to 5.5V supply voltage.
23
COMR
Common for difference output and Temp Sensor
24
COMR
Common for difference output and Temp Sensor
25
INHA
AC coupled RF input for Channel A
26
INLA
AC coupled RF common for Channel A
27
COMR
Common for difference output and Temp Sensor
28
PWDN
Power down for difference output and Temp Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com