Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5519ACPZ-R2 Datasheet(PDF) 25 Page - Analog Devices

Part # ADL5519ACPZ-R2
Description  1 MHz to 10 GHz, 50 dB Dual Log Detector/Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5519ACPZ-R2 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADL5519ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 20Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 21Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 22Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 23Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 24Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 25Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 26Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
Preliminary Technical Data
ADL5519
Rev. PrB | Page 25 of 27
VPSB
C16
100pF
C11
0.1
μF
R11
0
Ω
R17
OPEN
C5
0.1
μF
C6
OPEN
C10
100pF
VREF
ADJB
R10
0
Ω
R9
DIFF OUT +
DIFF OUT –
ADL5519ACPZ
EXPOSED PADDLE
R4
0
Ω
R14
OPEN
TEMP
SENSOR
C8
100pF
C15
0.1
μF
CLPA
TEMP
VPSR
ADJA
CLPB
VLVL
VREF
ADJB
VPSB
VSTA
VSTB
OUTB
FBKB
OUTN
OUTP
FBKA
OUTA
VPSA
VPSA
C7
100pF
C12
0.1
μF
R3
0
Ω
VPSR
R13
OPEN
ADJA
C9
100pF
27
28
29
30
31
32
INHA
PWDN
C4
47nF
C3
47nF
INHB
INLB
COMR
PWDN
INLA
INHA
R5
52.3
Ω
INHB
C2
C1
47nF
R6
52.3
Ω
47nF
R19
OPEN
R7
0
Ω
VLVL
R12
0
Ω
SETPOINT
VOLTAGE B
OUTPUT
VOLTAGE B
R22
OPEN
R20
R16
OPEN
C14
OPEN
0
Ω
R2
1k
Ω
R1
1k
Ω
R8
0
Ω
SETPOINT
VOLTAGE B
OUTPUT
VOLTAGE B
R23
OPEN
R21
R15
OPEN
C13
OPEN
0
Ω
0
Ω
R18
OPEN
VPOS
R24
0
Ω
R25
0
Ω
R26
0
Ω
VPSA
VPSB
VPSR
GND1 GND2 GND3
25
26
3
4
5
6
7
8
1
2
COMR COMR
COMR
COMR
14
13
12
11
10
9
16
15
NC
NC
22
21
20
19
18
17
24
23
COMR
COMR
ADJA
ADJB
VREF
R28
OPEN
R29
OPEN
R27
0
Ω
Figure 27. Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com