Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5519ACPZ-R2 Datasheet(PDF) 16 Page - Analog Devices

Part # ADL5519ACPZ-R2
Description  1 MHz to 10 GHz, 50 dB Dual Log Detector/Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5519ACPZ-R2 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADL5519ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
ADL5519
Preliminary Technical Data
Rev. PrB | Page 16 of 27
In this configuration, all four measurements, OUT[A, B, P,
N], are made available simultaneously. A differential
output can be taken from OUTP − OUTN, and VLVL can
be used to adjust the common-mode level for an ADC
connection.
MEASUREMENT MODE
The ADL5519 requires a single supply of 3.0 V to 5 V. The
supply is connected to the three supply pins, VPSA, VPSB,
and VPSR. Each pin should be decoupled using the two
capacitors with values equal or similar to those shown in
Figure 19. These capacitors must provide a low impedance
over the full frequency range of the input, and they should
be placed as close as possible to the positive supply pins.
Two different capacitors are used in parallel to provide a
broadband ac short to ground.
The device is placed in measurement mode by connecting
OUTA and/or OUTB to VSTA and/or VSTB, respectively. As
seen in Figure 18, the ADL5519 has an offset voltage, a
negative slope, and a VOUT[A,B] measurement intercept at the
high end of its input signal range.
Figure 18. Typical Output Voltage vs. Input Signal, Single Channel
The output voltage vs. input signal voltage of the ADL5519
is linear-in-dB over a multidecade range. The equation for
this function is of the form
VOUT = X × VSLOPE/DEC × log10(VIN/VINTERCEPT) =
(1)
X × VSLOPE/dB × 20 × log10(VIN/VINTERCEPT)
(2)
where:
X is the feedback factor in VSET = VOUT/X.
VSLOPE/DEC is nominally –440 mV/decade or −22 mV/dB.
VINTERCEPT is the x-axis intercept of the linear-in-dB portion
of the VOUT vs. VIN curve (Figure 18).
VINTERCEPT is +2 dBV for a sinusoidal input signal.
An offset voltage, VOFFSET, of 0.35 V is internally added to
the detector signal, so that the minimum value for VOUT is
X × VOFFSET. So for X = 1, minimum VOUT is 0.35 V.
The slope is very stable vs. process and temperature variation.
When base-10 logarithms are used, VSLOPE/DECADE represents the
volts/decade. A decade corresponds to 20 dB; VSLOPE/DECADE/20 =
VSLOPE/dB represents the slope in volts/dB.
As noted in Equation 1 and Equation 2, the VOUT voltage has a
negative slope. This is also the correct slope polarity to control
the gain of many power amplifiers in a negative feedback
configuration. Because both the slope and intercept vary slightly
with frequency, it is recommended to refer to the Specifications
section for application-specific values for slope and intercept.
Although demodulating log amps respond to input signal voltage,
not input signal power, it is customary to discuss the amplitude
of high frequency signals in terms of power. In this case, the charac-
teristic impedance of the system, Z0, must be known to convert
voltages to their corresponding power levels. The following
equations are used to perform this conversion:
P(dBm) = 10 × log10(Vrms2/(Z0 × 1 mW))
(3)
P(dBV) = 20 × log10(Vrms/1 Vrms)
(4)
P(dBm) = P(dBV) − 10 × log10(Z0 × 1 mW/1 Vrms2)
(5)
For example, PINTERCEPT for a sinusoidal input signal expressed in
terms of dBm (decibels referred to 1 mW), in a 50 Ω system is
PINTERCEPT(dBm) = PINTERCEPT (dBV) – 10 × log10(Z0 ×
1 mW/1 Vrms2) =
(6)
+2 dBV − 10 × log10(50×10-3) = +15 dBm
For a square wave input signal in a 200 Ω system,
PINTERCEPT = −1 dBV − 10 × log10[(200 Ω × 1 mW/1Vrms2)] =
+6 dBm
Further information on the intercept variation dependence upon
waveform can be found in the AD8313 and AD8307 data sheets.
As the input signal to Channel A and Channel B are swept over
their nominal input dynamic range of +10 dBm to −50 dBm,
the output swings from 0.5 V to 1.75 V. The voltages OUTA and
OUTB are also internally applied to a difference amplifier with
a gain of two. So as the dB difference between INA and INB
ranges from approximately −30 dB to +30 dB, the difference
voltage on OUTP and OUTN swings from 0.5 V to 1.75 V.
Input differences larger than ±30 dB can be measured as long as
the absolute input level at INA and INB are within their nominal
ranges of +10 dBm to −50 dBm. However, measurement of large
differences between INA and INB are affected by on-chip signal
leakage. The common-mode level of OUTP and OUTN is set by
the voltage applied to VLVL. These output can be easily biased
up to a common-mode voltage of 2.5 V by connecting VREF to
VLVL. As the gain range is swept, OUTP swings from
approximately 0.5 V to 1.75 V and OUTN swings from 1.75 V
to 0.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com