Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5519ACPZ-R2 Datasheet(PDF) 17 Page - Analog Devices

Part # ADL5519ACPZ-R2
Description  1 MHz to 10 GHz, 50 dB Dual Log Detector/Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5519ACPZ-R2 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADL5519ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 20Page - Analog Devices ADL5519ACPZ-R2 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
Preliminary Technical Data
ADL5519
Rev. PrB | Page 17 of 27
ADL5519ACPZ
EXPOSED PADDLE
CLPA
TEMP
VPSR
ADJA
CLPB
VLVL
VREF
ADJB
VPSB
VSTA
VSTB
OUTB
FBKB
OUTN
OUTP
FBKA
OUTA
VPSA
27
28
29
30
31
32
INHB
INLB
COMR
PWDN
INLA
INHA
25
26
3
4
5
6
7
8
1
2
COMR COMR
COMR
COMR
14
13
12
11
10
9
16
15
NC
NC
22
21
20
19
18
17
24
23
COMR
COMR
INHA
C4
47nF
C3
47nF
VPSB
C11
100pF
C16
0.1
μF
R11
0
Ω
R10
0
Ω
R9
DIFF OUT +
DIFF OUT –
R4
0
Ω
C8
100pF
C15
0.1
μF
VPSA
C7
100pF
C12
0.1
μF
R3
0
Ω
VPSR
SEE
TEXT
R5
52.3
Ω
INHB
C2
C1
47nF
R6
52.3
Ω
47nF
R7
R12
0
Ω
SETPOINT
VOLTAGE B
OUTPUT
VOLTAGE B
R20
0
Ω
R2
1k
Ω
R1
1k
Ω
R8
0
Ω
SETPOINT
VOLTAGE B
OUTPUT
VOLTAGE B
R21
0
Ω
0
Ω
SEE
TEXT
SEE
TEXT
SEE
TEXT
0
Ω
SEE
TEXT
Figure 19. Basic Connections for Operation in Measurement Mode
CONTROLLER MODE
In addition to being a measurement device, the ADL5519 can
also be configured to measure and control signal levels. The
ADL5519 has two controller modes. Each of the two log
detectors can be separately configured to set and control the
output power level of a variable gain amplifier (VGA) or
variable voltage attenuator (VVA). Alternatively, the two log
detectors can be configured to measure and control the gain of
an amplifier or signal chain.
The channel difference outputs can be used for controlling a
feedback loop to the ADL5519’s RF inputs. A capacitor connected
between FBKA and OUTP forms an integrator, keeping in mind
that the on-chip 1 kΩ feedback resistor forms a zero. (The value
of the on-chip resistors can vary as much as ±20% with manufac-
turing process variation.) If Channel A is driven and Channel B
has a feedback loop from OUTP through a PA, then OUTP
integrates to a voltage value such that
OUTB = (OUTA + VLVL)/2
(11)
The output value from OUTN may or may not be useful. It is
given by
OUTN = 0 V
(12)
For VLVL < OUTA/3,
Otherwise,
OUTN = (3 × VLVL – OUTA)/2
(13)
If VLVL is connected to OUTA, then OUTB is forced to equal
OUTA through the feedback loop. This flexibility provides the
user with the capability to measure one channel operating at a
given power level and frequency while forcing the other channel
to a desired power level at another frequency. ADJA and ADJB
should be set to different voltage levels to reduce the temperature
drift of the output measurement. The temperature drift will be
statistical sum of the drift from Channel A and Channel B. As
stated before, VLVL can be used to force the slaved channel to
operate at a different power than the other channel. If the two
channels are forced to operate at different power levels, then
some static offset occurs due to voltage drops across metal
wiring in the IC.
If an inversion is necessary in the feedback loop, OUTN can be
used as the integrator by placing a capacitor between OUTN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com