Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BRY62 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BRY62
Description  Silicon controlled switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BRY62 Datasheet(HTML) 5 Page - NXP Semiconductors

  BRY62 Datasheet HTML 1Page - NXP Semiconductors BRY62 Datasheet HTML 2Page - NXP Semiconductors BRY62 Datasheet HTML 3Page - NXP Semiconductors BRY62 Datasheet HTML 4Page - NXP Semiconductors BRY62 Datasheet HTML 5Page - NXP Semiconductors BRY62 Datasheet HTML 6Page - NXP Semiconductors BRY62 Datasheet HTML 7Page - NXP Semiconductors BRY62 Datasheet HTML 8Page - NXP Semiconductors BRY62 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1999 Apr 22
5
Philips Semiconductors
Product specification
Silicon controlled switch
BRY62
Fig.4 Silicon controlled switch symbol.
handbook, halfpage
MBB682
IKG
IAG
IA
a
k
kg
ag
−IK
VAK
Fig.5 Equivalent test circuit for holding current.
handbook, halfpage
MBB683
IA
IAG
a
k
kg
ag
RKG-K
VBB
DUT
Fig.6 Test circuit for turn-on time.
handbook, halfpage
MBB685
RKG-K
2.7 k
Ω
16 k
Ω
+12 V
+50 V
VAK
VI
Fig.7
Pulse duration increased until dashed curve
disappears.
handbook, halfpage
MBB687
time
90 %
10 %
Vi
(V)
4.5
0
–0.5
ton
time
VAG-K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com