Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BRY62 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BRY62
Description  Silicon controlled switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BRY62 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BRY62 Datasheet HTML 3Page - NXP Semiconductors BRY62 Datasheet HTML 4Page - NXP Semiconductors BRY62 Datasheet HTML 5Page - NXP Semiconductors BRY62 Datasheet HTML 6Page - NXP Semiconductors BRY62 Datasheet HTML 7Page - NXP Semiconductors BRY62 Datasheet HTML 8Page - NXP Semiconductors BRY62 Datasheet HTML 9Page - NXP Semiconductors BRY62 Datasheet HTML 10Page - NXP Semiconductors BRY62 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
1999 Apr 22
7
Philips Semiconductors
Product specification
Silicon controlled switch
BRY62
Fig.12 Normalized anode-cathode voltage as a
function of ambient temperature.
X is the value of VAK at IC = 10 mA; IAG = 10 mA; IA = 1 mA;
VBB = −2 V; RKG-K =10kΩ; Tamb =25 °C.
handbook, halfpage
50
0
50
150
1.2
0.6
0.8
1
MBB581
100
T
( C)
amb
o
VAK
X
Fig.13 Normalized holding current as a function of
ambient temperature.
X is the value of IH at IC = 10 mA; IAG = 10 mA; VBB = −2V;
Rkg-K =10kΩ; Tamb =25 °C.
handbook, halfpage
−50
0
50
150
1.2
1.1
0.9
0.8
1
MBB587
100
Tamb (
oC)
IH
X
Fig.14 Power derating curve.
handbook, halfpage
0
300
200
100
0
50
150
150
MBB580
Ptot
(mW)
T
( C)
amb
o



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com