Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BRY62 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BRY62
Description  Silicon controlled switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BRY62 Datasheet(HTML) 4 Page - NXP Semiconductors

  BRY62 Datasheet HTML 1Page - NXP Semiconductors BRY62 Datasheet HTML 2Page - NXP Semiconductors BRY62 Datasheet HTML 3Page - NXP Semiconductors BRY62 Datasheet HTML 4Page - NXP Semiconductors BRY62 Datasheet HTML 5Page - NXP Semiconductors BRY62 Datasheet HTML 6Page - NXP Semiconductors BRY62 Datasheet HTML 7Page - NXP Semiconductors BRY62 Datasheet HTML 8Page - NXP Semiconductors BRY62 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1999 Apr 22
4
Philips Semiconductors
Product specification
Silicon controlled switch
BRY62
Switching times
ton
turn-on time
VKG-K = −0.5 to 4.5 V; RKG-K =1kΩ;
see Figs 6 and 7
−
0.25
µs
VKG-K = −0.5 to 0.5 V; RKG-K =10kΩ−
1.5
µs
toff
turn-off time
RKG-K =10kΩ; see Figs 8 and 9
−
15
µs
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Fig.2 Two transistor equivalent circuit.
MBB680
a (anode)
(e )
2
k (cathode)
(e )
1
PNP transistor
NPN transistor
kg (cathode gate)
ag (anode gate)
(b ,c )
12
(c ,b )
12
Fig.3 PNPN silicon controlled switch structure.
handbook, halfpage
MBB681
e2
e1
b ,c
12
c ,b
12
P
N
P
N
P
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com