Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BRY62 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BRY62
Description  Silicon controlled switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BRY62 Datasheet(HTML) 3 Page - NXP Semiconductors

  BRY62 Datasheet HTML 1Page - NXP Semiconductors BRY62 Datasheet HTML 2Page - NXP Semiconductors BRY62 Datasheet HTML 3Page - NXP Semiconductors BRY62 Datasheet HTML 4Page - NXP Semiconductors BRY62 Datasheet HTML 5Page - NXP Semiconductors BRY62 Datasheet HTML 6Page - NXP Semiconductors BRY62 Datasheet HTML 7Page - NXP Semiconductors BRY62 Datasheet HTML 8Page - NXP Semiconductors BRY62 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1999 Apr 22
3
Philips Semiconductors
Product specification
Silicon controlled switch
BRY62
Notes
1. Provided the IE rating is not exceeded.
2. During switching on, the device can withstand the discharge of a capacitor of a maximum value of 500 pF. This
capacitor is charged when the transistor is in cut-off condition, with a collector supply voltage of 160 V and a series
resistance of 100 k
Ω.
THERMAL CHARACTERISTICS
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
Combined device
Ptot
total power dissipation
Tamb ≤ 25 °C
−
250
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
Tamb
operating ambient temperature
see Fig.14
−65
+150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air
500
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
NPN transistor
ICER
collector cut-off current
VCE =70V; RBE =10kΩ−
100
nA
VCE =70V; RBE =10kΩ; Tj = 150 °C
−
10
µA
IEBO
emitter cut-off current
IC = 0; VEB =5V; Tj = 150 °C
−
10
µA
VCEsat
collector-emitter saturation voltage
IC = 10 mA; IB =1mA
−
500
mV
VBEsat
base-emitter saturation voltage
IC = 10 mA; IB =1mA
−
900
mV
hFE
DC current gain
IC = 10 mA; VCE =2V
50
−
fT
transition frequency
IC = 10 mA; VCE = 2 V; f = 100 MHz
100
−
MHz
Cc
collector capacitance
IE =ie = 0; VCB = 20 V; f = 1 MHz
−
5pF
Ce
emitter capacitance
IC =ic = 0; VEB = 1 V; f = 1 MHz
−
25
pF
PNP transistor
ICEO
collector cut-off current
IB = 0; VCE = −70 V; Tj = 150 °C
−−10
µA
IEBO
emitter cut-off current
IC = 0; VEB = −70 V; Tj = 150 °C
−−10
µA
hFE
DC current gain
IE = 1 mA; VCB = −5V
3
15
Combined device
VAK
forward on-state voltage
RKG-K =10kΩ
IA = 50 mA; IAG =0
−
1.4
V
IA = 50 mA; IAG = 0; Tj = − 55 °C
−
1.9
V
IA = 1 mA; IAG =10mA
−
1.2
V
IH
holding current
RKG-K =10kΩ;IAG = 10 mA;
VBB = −2 V; (see Fig.5)
−
1mA
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com