Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BRY62 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BRY62
Description  Silicon controlled switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BRY62 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BRY62 Datasheet HTML 2Page - NXP Semiconductors BRY62 Datasheet HTML 3Page - NXP Semiconductors BRY62 Datasheet HTML 4Page - NXP Semiconductors BRY62 Datasheet HTML 5Page - NXP Semiconductors BRY62 Datasheet HTML 6Page - NXP Semiconductors BRY62 Datasheet HTML 7Page - NXP Semiconductors BRY62 Datasheet HTML 8Page - NXP Semiconductors BRY62 Datasheet HTML 9Page - NXP Semiconductors BRY62 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
1999 Apr 22
6
Philips Semiconductors
Product specification
Silicon controlled switch
BRY62
Fig.8 Test circuit for turn-off time.
handbook, halfpage
MBB684
+12 V
+50 V
VAK
RKG-K
C
mercury
wetted
contact
16 k
Ω
2.7 k
Ω
1 k
Ω
Fig.9
Capacitance increased until C = Copt
dashed curve disappears.
handbook, halfpage
MBB686
VAK
(V)
12
– 12
tq
C
< Copt
C
= Copt
time
0
Fig.10 Normalized DC current gain as a function of
anode gate current.
X is the value of hFE at IC = 10 mA; VAG-K = 2 V; Tamb =25 °C.
handbook, halfpage
0
100
1.2
0
0.4
0.8
MBB584
50
hFE
X
IAG (mA)
VAG-K = 5 V
2 V
Fig.11 Normalized DC current gain as a function of
ambient temperature.
X is the value of hFE at IAG = 10 mA; VAG-K = 2 V; Tamb =25 °C.
handbook, halfpage
0
1.8
1.4
1.0
0.6
50
150
MBB583
100
T
( C)
amb
o
h FE
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com