Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BRY62 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BRY62
Description  Silicon controlled switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BRY62 Datasheet(HTML) 2 Page - NXP Semiconductors

  BRY62 Datasheet HTML 1Page - NXP Semiconductors BRY62 Datasheet HTML 2Page - NXP Semiconductors BRY62 Datasheet HTML 3Page - NXP Semiconductors BRY62 Datasheet HTML 4Page - NXP Semiconductors BRY62 Datasheet HTML 5Page - NXP Semiconductors BRY62 Datasheet HTML 6Page - NXP Semiconductors BRY62 Datasheet HTML 7Page - NXP Semiconductors BRY62 Datasheet HTML 8Page - NXP Semiconductors BRY62 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1999 Apr 22
2
Philips Semiconductors
Product specification
Silicon controlled switch
BRY62
DESCRIPTION
Silicon planar PNPN switch in a
SOT143B plastic package. It is an
integrated PNP/NPN transistor pair,
with all electrodes accessible.
APPLICATIONS
• Switching applications.
MARKING
TYPE
NUMBER
MARKING
CODE
BRY62
A51
PINNING
PIN
DESCRIPTION
1
anode gate
2
anode
3
cathode
4
cathode gate
Fig.1 Simplified outline (SOT143B) and symbol.
handbook, 2 columns
Top view
MSB014
12
3
4
MBB068
a
k
kg
ag
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
NPN transistor
VCBO
collector-base voltage
open emitter
−
70
V
VCER
collector-emitter voltage
RBE =10kΩ−
70
V
VEBO
emitter-base voltage
open collector
−
5V
IC
collector current (DC)
note 1
−
175
mA
ICM
peak collector current
note 2
−
175
mA
IE
emitter current (DC)
−−175
mA
IERM
repetitive peak emitter current
tp =10 µs; δ = 0.01
−−2.5
A
PNP transistor
VCBO
collector-base voltage
open emitter
−−70
V
VCEO
collector-emitter voltage
open base
−−70
V
VEBO
emitter-base voltage
open collector
−−70
V
IE
emitter current (DC)
−
175
mA
IERM
repetitive peak emitter current
tp =10 µs; δ = 0.01
−
2.5
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com