Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7789V2 Datasheet(PDF) 35 Page - Sitronix Technology Co., Ltd.

Part # ST7789V2
Description  Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
PDF  319 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789V2 Datasheet(HTML) 35 Page - Sitronix Technology Co., Ltd.

Back Button ST7789V2 Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 319 page
background image
ST7789V2
Version 1.0
Page 35 of 319
2016/11
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
Name
I/O
Description
Connect Pin
writing.
-If not used, please let this pin open
Note1. “1” = VDDI level, “0” = DGND level.
Note2. When in parallel mode, unused data pins must be connected to “1” or “0”.
Note3. When CSX=”1”, there is no influence to the parallel and serial interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com