Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7789V2 Datasheet(PDF) 79 Page - Sitronix Technology Co., Ltd.

Part # ST7789V2
Description  Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
PDF  319 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789V2 Datasheet(HTML) 79 Page - Sitronix Technology Co., Ltd.

Back Button ST7789V2 Datasheet HTML 75Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 76Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 77Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 78Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 79Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 80Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 81Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 82Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 83Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 319 page
background image
ST7789V2
Version 1.0
Page 79 of 319
2016/11
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
8.8.12 16-bit data bus for 18-bit/pixel (RGB-6-6-6-bit input), 262K-Colors, 3Ah=”06h”,
MDT[1:0]=”01b”
-
-
-
-
-
-
-
-
8080-series control pins
RESX
CSX
D/CX
“1”
WRX
RDX
“1”
D15
D14
D13
D12
D11
D10
D9
D8
Pixel n
Pixel n+1
18 bits
18 bits
R1
G1
B1
R2
G2
B2
R3
G3
B3
Frame memory
R1, Bit 3
0
R1, Bit 2
0
R1, Bit 1
1
R1, Bit 0
0
1
1
0
0
D7
D6
D5
D4
D3
D2
D1
D0
B1, Bit 3
B1, Bit 2
B1, Bit 1
B1, Bit 0
G2, Bit 3
G2, Bit 2
G2, Bit 1
G2, Bit 0
B1, Bit 4
G2, Bit 4
R1, Bit 4
G1, Bit 3
G1, Bit 2
G1, Bit 1
G1, Bit 0
-
-
-
-
G1, Bit 5
G1, Bit 4
-
-
R1, Bit 5
-
-
-
-
-
-
-
-
B1, Bit 5
G2, Bit 5
-
-
-
-
-
-
-
-
R2, Bit 3
R2, Bit 2
R2, Bit 1
R2, Bit 0
R2, Bit 5
R2, Bit 4
B2, Bit 3
B2, Bit 2
B2, Bit 1
B2, Bit 0
B2, Bit 4
B2, Bit 5
-
-
-
-
-
-
Note 1: The data order is as follows, MSB=D15, LSB=D0 and picture data is MSB=Bits 5, LSB=Bit 0 for Red, Green and Blue data.
Note 2: 2-times transfer is used to transmit 1 pixel data with the 18-bit color depth information.
Note 3: ‘-‘ = Don’t care – Can be set to ‘0’ or ‘1’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com